Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4165 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4165
Description  This document describes a 12 V - 1 A power supply set in non-isolated flyback topology
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4165 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4165 Datasheet HTML 2Page - STMicroelectronics AN4165 Datasheet HTML 3Page - STMicroelectronics AN4165 Datasheet HTML 4Page - STMicroelectronics AN4165 Datasheet HTML 5Page - STMicroelectronics AN4165 Datasheet HTML 6Page - STMicroelectronics AN4165 Datasheet HTML 7Page - STMicroelectronics AN4165 Datasheet HTML 8Page - STMicroelectronics AN4165 Datasheet HTML 9Page - STMicroelectronics AN4165 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
Adapter features
AN4165
6/37
Doc ID 023661 Rev 1
1
Adapter features
The electrical specifications of the demonstration board are listed in
Table 1.
Table 1.
Electrical specifications
Symbol
Parameter
Value
VIN
Input voltage range
[ 90 VAC - 265 VAC]
VOUT
Output voltage
12 V
IOUT
Max. output current
1 A
Δ VOUT_LF
Precision of output regulation
± 5%
Δ VOUT_HF
High-frequency output voltage ripple
50 mV
TAMB
Max. ambient operating temperature
60 oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com