Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4165 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN4165
Description  This document describes a 12 V - 1 A power supply set in non-isolated flyback topology
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4165 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN4165 Datasheet HTML 6Page - STMicroelectronics AN4165 Datasheet HTML 7Page - STMicroelectronics AN4165 Datasheet HTML 8Page - STMicroelectronics AN4165 Datasheet HTML 9Page - STMicroelectronics AN4165 Datasheet HTML 10Page - STMicroelectronics AN4165 Datasheet HTML 11Page - STMicroelectronics AN4165 Datasheet HTML 12Page - STMicroelectronics AN4165 Datasheet HTML 13Page - STMicroelectronics AN4165 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Bill of material
AN4165
10/37
Doc ID 023661 Rev 1
3
Bill of material
Table 2.
Bill of material (simplified schematic)
Reference
Part
Description
Manufacturer
NTC
2.2
Ω NTC
Thermistor, S236 series
EPCOS
F
T2A 250 V
2 A, 250 VAC fuse, TR5 series
Wickmann
C1
10 µF, 400 V NHG series electrolytic capacitor
Panasonic
C2
22 µF, 35 V SMG series electrolytic capacitor
Panasonic
C4
2.2 µF, 63 V electrolytic capacitor
C5
100 nF, 50 V ceramic capacitor
C6
2.2 nF, 50 V ceramic capacitor
C7
100 nF, 50 V ceramic capacitor
C8
2.2 nF, 50 V ceramic capacitor
C9
Not mounted
C10
1000 µF, 16 V ultra low ESR electrolytic capacitor ZL series
Rubycon
C11
680 µF, 16 V ultra low ESR electrolytic capacitor ZL series
Rubycon
C12
Not mounted
D0
DF06M
1 A - 600 V diode bridge
Vishay
D1
STTH1L06
1 A - 600 V ultrafast diode
ST
D2
Not mounted
D3
STPS3150
3 A-150 V power Schottky (output diode)
ST
D4
1.5KE300A
Transil
ST
D5
Not mounted
D6
1N4148
Small signal diode
Fairchild
R1
Not mounted
R2
Not mounted
R3
47 k
Ω 1% 1/4 W resistor
R4a
15 k
Ω 1% 1/4 W resistor
R4b
2.7 k
Ω 1% 1/4 W resistor
R5
27 k
Ω 1/4 W resistor
R7
33 k
Ω 1/4 W resistor
L1
Short-circuit
L2
RFB0807-102
Input filter inductor (L = 1 mH, ISAT = 0.3 A; DCRmax = 3.4 Ω)Coilcraft
T1
1335.0089
115 kHz switch mode transformer
Magnetica
IC1
VIPER26HN
High-voltage 115 kHz PWM
ST
J1
Not mounted
Jumper
J2
Short-circuit
Jumper



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com