Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4165 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN4165
Description  This document describes a 12 V - 1 A power supply set in non-isolated flyback topology
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4165 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN4165 Datasheet HTML 29Page - STMicroelectronics AN4165 Datasheet HTML 30Page - STMicroelectronics AN4165 Datasheet HTML 31Page - STMicroelectronics AN4165 Datasheet HTML 32Page - STMicroelectronics AN4165 Datasheet HTML 33Page - STMicroelectronics AN4165 Datasheet HTML 34Page - STMicroelectronics AN4165 Datasheet HTML 35Page - STMicroelectronics AN4165 Datasheet HTML 36Page - STMicroelectronics AN4165 Datasheet HTML 37Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
AN4165
Test equipment and measurement of efficiency and light load performance
Doc ID 023661 Rev 1
33/37
Figure 46.
Switch in position 1 - setting for standby measurements
In the case of high UUT input current (i.e. for measurements in heavy load conditions), the
voltage drop can be relevant compared to the UUT real input voltage. If this is the case, the
switch in
Figure 45 can be changed to position 2 (see simplified scheme of Figure 47) where
the UUT input voltage is measured directly at the UUT input terminal and the input current
does not affect the measured input voltage.
Figure 47.
Switch in position 2 - setting for efficiency measurements
On the other hand, the position of
Figure 47 may introduce a relevant error during light load
measurements, when the UUT input current is low and the leakage current inside the
voltmeter itself (which is not an ideal instrument and doesn't have infinite input resistance) is
not negligible. This is the reason why it is better to use the setting of
Figure 46 for light load
measurements and
Figure 47 for heavy load measurements.
If it is not clear which measurement scheme has the lesser effect on the result, try with both
and register the lower input power value.
V
+
-
A
~
AC
SOURCE
UUT
U.U.T.
AC
INPUT
Voltmeter
Ammeter
Wattmeter
AM11591v1
AM11592v1
V
+
-
~
AC
SOURCE
UUT
U.U.T.
AC
INPUT
Voltmeter
Ammeter
A
Wattmeter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com