Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4165 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN4165
Description  This document describes a 12 V - 1 A power supply set in non-isolated flyback topology
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4165 Datasheet(HTML) 1 Page - STMicroelectronics

  AN4165 Datasheet HTML 1Page - STMicroelectronics AN4165 Datasheet HTML 2Page - STMicroelectronics AN4165 Datasheet HTML 3Page - STMicroelectronics AN4165 Datasheet HTML 4Page - STMicroelectronics AN4165 Datasheet HTML 5Page - STMicroelectronics AN4165 Datasheet HTML 6Page - STMicroelectronics AN4165 Datasheet HTML 7Page - STMicroelectronics AN4165 Datasheet HTML 8Page - STMicroelectronics AN4165 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
February 2013
Doc ID 023661 Rev 1
1/37
AN4165
Application note
STEVAL-ISA111V1: 12 V/12 W, 115 kHz non-isolated flyback
based on the VIPER26
By Mirko Sciortino
Introduction
This document describes a 12 V - 1 A power supply set in non-isolated flyback topology
based on the VIPER26, an offline high-voltage converter offered by STMicroelectronics.
The features of the device include:
■ 800 V avalanche rugged power section
■ PWM operation at 115 kHz with frequency jittering for lower EMI
■ Limiting current with adjustable set point
■ On-board soft-start
■ Safe behavior during a fault condition (overload, short-circuit, open loop)
■ Low standby consumption (< 30 mW at VIN = 230 VAC)
The available protections are:
■ Thermal shutdown with hysteresis
■ Delayed overload (or short-circuit) protection
■ Open loop failure protection
All protections employ the auto-restart mode.
Figure 1.
STEVAL-ISA111V1 demonstration board
www.st.com


Similar Part No. - AN4165

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4160 STMICROELECTRONICS-AN4160 Datasheet
423Kb / 14P
TVS devices for power line communication applications
30-Jun-2014
AN4163 STMICROELECTRONICS-AN4163 Datasheet
3Mb / 33P
This application note describes the demonstration board EVL4984-350W
20-Jun-2013
AN4164 STMICROELECTRONICS-AN4164 Datasheet
5Mb / 38P
This document describes a 12 V-350 mA power supply set in non-isolated flyback topology
08-Feb-2013
AN4169 STMICROELECTRONICS-AN4169 Datasheet
536Kb / 14P
PCB design guidelines for the SPIRIT1 transceiver
18-Oct-2012
More results

Similar Description - AN4165

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2242 STMICROELECTRONICS-AN2242 Datasheet
571Kb / 31P
This document describes a reference design
05-Dec-2005
AN2432 STMICROELECTRONICS-AN2432 Datasheet
636Kb / 27P
This document describes a 60W adapter application using
23-Oct-2006
AN2950 STMICROELECTRONICS-AN2950 Datasheet
1Mb / 37P
This document describes
29-Apr-2010
AN3286 STMICROELECTRONICS-AN3286 Datasheet
1Mb / 42P
This document describes
26-Aug-2011
AN4106 STMICROELECTRONICS-AN4106 Datasheet
3Mb / 39P
This document describes a 12 V-1 A power supply
16-Oct-2012
AN4116 STMICROELECTRONICS-AN4116 Datasheet
3Mb / 38P
This document describes a 12 V-350 mA power supply
23-Jan-2013
AN4164 STMICROELECTRONICS-AN4164 Datasheet
5Mb / 38P
This document describes a 12 V-350 mA power supply set in non-isolated flyback topology
08-Feb-2013
AN3955 STMICROELECTRONICS-AN3955 Datasheet
717Kb / 68P
This document describes
20-Sep-2011
UM0501 STMICROELECTRONICS-UM0501 Datasheet
231Kb / 19P
This document describes
17-Jun-2009
logo
FSP TECHNOLOGY INC.
FSP500-50ARN FSP-FSP500-50ARN_15 Datasheet
202Kb / 1P
This specification describes a 400 watts power supply.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com