Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0855 Datasheet(PDF) 6 Page - STMicroelectronics

Part # UM0855
Description  Demonstration kit for single
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0855 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button UM0855 Datasheet HTML 2Page - STMicroelectronics UM0855 Datasheet HTML 3Page - STMicroelectronics UM0855 Datasheet HTML 4Page - STMicroelectronics UM0855 Datasheet HTML 5Page - STMicroelectronics UM0855 Datasheet HTML 6Page - STMicroelectronics UM0855 Datasheet HTML 7Page - STMicroelectronics UM0855 Datasheet HTML 8Page - STMicroelectronics UM0855 Datasheet HTML 9Page - STMicroelectronics UM0855 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
Demonstration kit description
UM0855
6/35
Doc ID 16617 Rev 1
1
Demonstration kit description
The STEVAL-MKI0xxV1 is a complete demonstration kit that allows evaluation of the
performance of the LPR4xxAL and LPR4xxxAL low-power double/single-axis gyroscopes
with analog outputs.
The block diagram of the demonstration board included in the kit is shown in
Figure 1.
Figure 1.
Demonstration board block diagram
The analog outputs of the device are directly available through a dedicated connector. The
ST72651AR6 microcontroller included on the board acquires and converts the analog
outputs into digital signals, and provides the data to the user on the PC through the GUI
provided with the kit.
The device firmware upgrade (DFU) is a feature allowing users to upgrade the firmware of
the ST7 microcontroller whenever a new firmware release is available on www.st.com.
Switches and LED indicators are used to control and monitor the functionality of the board.
The top silk screen view and photo of the full board, respectively, are shown in
Figure 2 and
Figure 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com