Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0855 Datasheet(PDF) 33 Page - STMicroelectronics

Part # UM0855
Description  Demonstration kit for single
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0855 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button UM0855 Datasheet HTML 27Page - STMicroelectronics UM0855 Datasheet HTML 28Page - STMicroelectronics UM0855 Datasheet HTML 29Page - STMicroelectronics UM0855 Datasheet HTML 30Page - STMicroelectronics UM0855 Datasheet HTML 31Page - STMicroelectronics UM0855 Datasheet HTML 32Page - STMicroelectronics UM0855 Datasheet HTML 33Page - STMicroelectronics UM0855 Datasheet HTML 34Page - STMicroelectronics UM0855 Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 35 page
background image
UM0855
Bill of materials
Doc ID 16617 Rev 1
33/35
J4
Connector
Header 1x2
Header 1x2 2mm
JP1
Header 1x2
Header 1x2 2mm
JP2
Header 1x2
Header 1x2 2mm
JP3
Header 1x2
Header 1x2 2mm
JP4
Header 1x3
Header 1x3 2mm
JP5
Header 1x3
Header 1x3 2mm
JP6
Header 1x3
Header 1x3 2mm
JP7
Header 1x3
Header 1x3 2mm
JP8
Header 2x2
Header 2x2
Header 2x2 2mm
JP9
Header 2x2
Header 2x2 2mm
Q1
Transistor
2STR2215
SOT-23-3
Q2
SO624
SOT-23-3
R1
Resistor
180
Ω
0805
R2
100
Ω
0805
R3
100
Ω
0805
R4
10 k
Ω
0805
R5
470
Ω
0805
R6
1 k
Ω
0805
R7
10 k
Ω
0805
R8
1 k
Ω
0805
R9
33 k
Ω
0805
R10
10 k
Ω
0805
R11
10 k
Ω
0805
R12
10 k
Ω
0805
R13
33 k
Ω
0805
R14
1 MW
0805
R15
1 MW
0805
R16
10 k
Ω
0805
R17
10 k
Ω
0805
SW1
Button
NReset
SMT_Button
SW2
SMT_Button
SMT_Button
U1
IC
Single or dual axis gyro in 4x5mm
package
LGA-16_4_5_1.1
U2
ST72F651AR6T1E
TQFP64_10x10
U3
ST662ABD
SO-G8
U4
LE30CD
SO-G8
Yoscm1
Crystal
12 MHz
SXA
Table 6.
Bill of materials (continued)
Designator
Description
Comment
Footprint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com