Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0855 Datasheet(PDF) 8 Page - STMicroelectronics

Part # UM0855
Description  Demonstration kit for single
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0855 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button UM0855 Datasheet HTML 4Page - STMicroelectronics UM0855 Datasheet HTML 5Page - STMicroelectronics UM0855 Datasheet HTML 6Page - STMicroelectronics UM0855 Datasheet HTML 7Page - STMicroelectronics UM0855 Datasheet HTML 8Page - STMicroelectronics UM0855 Datasheet HTML 9Page - STMicroelectronics UM0855 Datasheet HTML 10Page - STMicroelectronics UM0855 Datasheet HTML 11Page - STMicroelectronics UM0855 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
Working modes
UM0855
8/35
Doc ID 16617 Rev 1
2
Working modes
The STEVAL-MKI0xxV1 demonstration board is designed to be used in two different
working modes:
●
Analog working mode (AWM): the microcontroller on the board is disabled and the
analog outputs of the device are available to the user on the dedicated connector
(
Figure 3, ref 7). This is the default working mode when power is applied either through
the USB connector or through the supply connector (
Figure 3, ref 10).
●
Digital working mode (DWM): the microcontroller on the board is enabled and allows
the user to digitally acquire the output signals of the device, to see them on the PC
through the dedicated GUI and to manage the control pins of the device.
Each working mode requires a board setup, which is done by correctly setting the jumpers
labeled JP4, JP5, JP7 (see ref 1, ref 2 and ref 3, respectively, in
Figure 3) and the jumpers
labeled JP1 and JP6 (see ref 4 and ref 5, respectively, in
Figure 3).
2.1
Analog working mode (AWM)
AWM is the working mode activated by default when the board is connected to a PC by USB
or when the power supply is applied to J10. The microcontroller on the board is disabled and
board behavior can be controlled through the dedicated jumpers.
In this working mode, the power down (PD), self-test (ST) and high-pass filter reset (HP)
functions are respectively managed by JP4, JP5 and JP7 as described below (see
Figure 3
to identify the jumpers):
Analog output signals can be measured respectively through pin 3 (marked Out1), pin 4
(marked Out2, for single-axis devices only) and pin1 (GND) of the J3 header (see
Figure 3,
ref 7).
The JP1 and JP6 jumpers allow the user to select which output signal is available on J3.
Table 1.
Jumper configurations for power down (PD), self-test (ST) and high pass
filter reset (HP) in AWM
Jumper on 1-2 position
Jumper on 2-3 position
JP4
ST
Logic level 1: self-test ON
Logic level 0: self-test OFF, default
JP5
PD
Logic level 1: power down mode
Logic level 0: normal mode, default
JP7
HP
Logic level 1: external high-pass filter reset
Logic level 0: normal mode, default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com