Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0855 Datasheet(PDF) 27 Page - STMicroelectronics

Part # UM0855
Description  Demonstration kit for single
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0855 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button UM0855 Datasheet HTML 23Page - STMicroelectronics UM0855 Datasheet HTML 24Page - STMicroelectronics UM0855 Datasheet HTML 25Page - STMicroelectronics UM0855 Datasheet HTML 26Page - STMicroelectronics UM0855 Datasheet HTML 27Page - STMicroelectronics UM0855 Datasheet HTML 28Page - STMicroelectronics UM0855 Datasheet HTML 29Page - STMicroelectronics UM0855 Datasheet HTML 30Page - STMicroelectronics UM0855 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
UM0855
Supported commands
Doc ID 16617 Rev 1
27/35
7.2.3
Stop command (DWM only)
The *stop command interrupts any acquisition session that has been started with either the
*start or *debug commands.
Note:
This is a digital working mode only command.
7.2.4
Zon and Zoff
The *Zon and *Zoff commands are employed, respectively, to put into 3-state (i.e. high-
impedance) and to remove from 3-state (i.e. normal mode) the lines of the ST72651AR6
microcontroller mounted on the demonstration kit. These commands allow the isolation of
the sensor from the microprocessor and permit the user to interact with the sensor in a
purely analog way.
By default, when the kit is turned on the lines are in 3-state mode (or AWM) and the user is
required to send the command *Zoff to allow communication between the sensor and the
microcontroller (or DWM).
7.2.5
Device name
The *dev command retrieves the name of the device mounted on the demonstration kit
connected to the PC. The returned value is, e.g.,
“LPR430AL”.
7.2.6
Firmware version
The *ver command queries the demonstration kit and returns the version of the firmware
loaded in the microprocessor, e.g., “PR430AL 1.08”
7.3
Quick start
This section provides the basic sequence of commands to start a data communication
session and to retrieve the yaw rate data from the demonstration kit, running in digital
working mode:
1.
Connect the STEVAL-MKI0xxV1 to the USB port.
2.
Start Microsoft Hyper Terminal and configure it as described in
Section 7.1.
3.
Inside the Hyper Terminal window, enter the command *Zoff to enable control of the
device by the ST72651AR6 microcontroller.
4.
Send the *debug command to get the yaw rate data measured by the sensor.
5.
Send *stop to end the continuous acquisition and visualization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com