Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4350 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4350
Description  High power factor LED driver with constant voltage regulation based on HVLED815PF
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4350 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4350 Datasheet HTML 2Page - STMicroelectronics AN4350 Datasheet HTML 3Page - STMicroelectronics AN4350 Datasheet HTML 4Page - STMicroelectronics AN4350 Datasheet HTML 5Page - STMicroelectronics AN4350 Datasheet HTML 6Page - STMicroelectronics AN4350 Datasheet HTML 7Page - STMicroelectronics AN4350 Datasheet HTML 8Page - STMicroelectronics AN4350 Datasheet HTML 9Page - STMicroelectronics AN4350 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
Circuit description and design guidelines
AN4350
6/34
DocID025181 Rev 1
A small offset on the CS is still useful to keep a good THD and so it can be added using
a resistor from the VCC pin instead of a partitioning from the input voltage resulting in
a reduction of the dissipated power and the component count/size.
The VOUT output voltage is regulated through the CV loops and it has to be designed in
order to have system bandwidth much lower than current loop bandwidth (voltage loop BW
<< 100 Hz - 120 Hz); the current loop is instead used to set the maximum deliverable
current IOUTCC.
The design can be set defining an equivalent current sense resistor according to the
standard HVLED815PF equation for the output current setting:
Equation 1
where n is the transformer ratio between the primary (NP) and secondary side (NS), VCLED
is the internal equivalent reference voltage (VCLED = 0.2 V). See the HVLED815PF
datasheet for more details.
2.2
Transformer selection
The main parameters of the flyback transformer (LP, NP, NS, NAUX, LLK) have to be designed
in order to sustain the desiderated output voltage (VOUT), the maximum output power
(POUT), the device supply (VCC) and the desiderated reflected voltage on the primary side
(VR).
The transformer magnetization inductance (LP) is selected as a trade-off between the
maximum switching frequency (internally limited up to 166 kHz) and the maximum output
power, in according to Equation 2:
Equation 2
where IP is the primary peak current and it can be estimated using Equation 3:
Equation 3
The ratio between the primary (NP) and secondary (NS) winding can be selected to reach
the desiderated reflected voltage (VR), using Equation 4:
Equation 4
where VR is the desiderated reflected voltage, VD the forward voltage of the output diode.
RSENSE EQ
n
2
---
VCLED
IOUT
CC
-------------------
=
LPMAX
VinMIN
1
VinMIN
VR
------------------
+


----------------------------------
1
FswMIN
---------------------
1
IP
2
------------------
=
IP Vin Iout

Iout
MAX
2
NP
NS
-------


1
VR
 VIN
MIN
-----------------------------
+


=
NP
NS
-------
VR
VOUT VD
+
----------------------------
VR
VOUT
--------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com