Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4350 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN4350
Description  High power factor LED driver with constant voltage regulation based on HVLED815PF
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4350 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN4350 Datasheet HTML 4Page - STMicroelectronics AN4350 Datasheet HTML 5Page - STMicroelectronics AN4350 Datasheet HTML 6Page - STMicroelectronics AN4350 Datasheet HTML 7Page - STMicroelectronics AN4350 Datasheet HTML 8Page - STMicroelectronics AN4350 Datasheet HTML 9Page - STMicroelectronics AN4350 Datasheet HTML 10Page - STMicroelectronics AN4350 Datasheet HTML 11Page - STMicroelectronics AN4350 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
Circuit description and design guidelines
AN4350
8/34
DocID025181 Rev 1
2.3
Output voltage control - primary side regulation
The IC is specifically designed to work in a primary side regulation (PSR) and the output
voltage is sensed through a voltage partition of the auxiliary winding, as shown in Figure 3.
The signal on the DMG pin is sampled-and-held at the end of transformer demagnetization
to get an accurate image of the output voltage (VOUT) and it is compared with the internal
error amplifier reference voltage VREF (2.51 V typ.).
During the MOSFET's OFF-time the leakage inductance resonates with the drain
capacitance and a damped oscillation is superimposed on the reflected voltage. The internal
S/H logic is able to discriminate such oscillations from the real transformer demagnetization.
When the DMG logic detects the transformer demagnetization, the sampling process stops,
the information is frozen and compared with the error amplifier internal reference.
The internal error amplifier is a transconductance type and delivers on the COMP pin
a current proportional to the voltage unbalance of the two inputs: the COMP pin generates
the control voltage that is compared with the voltage across the sense resistor, thus
modulating the cycle-by-cycle peak drain current to regulate the desiderated output voltage.
Figure 3. Voltage control principle: internal schematic
The COMP pin is used for the frequency compensation: typically an RC - CC network, which
stabilizes the overall voltage control loop, is connected between this pin and ground.
When implementing the high power factor (HPF - see Section 2.4: High power factor
implementation), the output voltage control loop must have frequency bandwidth much
lower than the “control current loop” (100/120 Hz, that is the double of line input frequency).
As a consequence the output voltage control loop has to be designed in order to have
bandwidth much lower than 100/120 Hz (i.e. BWCV < 5 - 10 Hz).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com