Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4350 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4350
Description  High power factor LED driver with constant voltage regulation based on HVLED815PF
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4350 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4350 Datasheet HTML 7Page - STMicroelectronics AN4350 Datasheet HTML 8Page - STMicroelectronics AN4350 Datasheet HTML 9Page - STMicroelectronics AN4350 Datasheet HTML 10Page - STMicroelectronics AN4350 Datasheet HTML 11Page - STMicroelectronics AN4350 Datasheet HTML 12Page - STMicroelectronics AN4350 Datasheet HTML 13Page - STMicroelectronics AN4350 Datasheet HTML 14Page - STMicroelectronics AN4350 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
DocID025181 Rev 1
11/34
AN4350
Circuit description and design guidelines
34
Using the calculated value of NAUX, NP, ROS and RCS the RPF resistor results:
Equation 17
Figure 4. HPF connections
The voltage loop changes the voltage on the CS pin to keep the output voltage regulated.
Respect to the standard circuit (no high power factor implementation trough RPF and ROS),
the contributions proportional to VIN trough the RPF resistor and the offset trough the ROS
resistor give of course a modification of the voltage across the RSENSE resistor generating
a different gain between the RSENSE and CS pin.
The VOS offset voltage is basically selected to have no input current when the input voltage
is close to zero at the minimum line condition: as a consequence the voltage across the
RSENSE resistor is basically equal to the voltage generated by the RPF resistor.
The RSENSE can be estimated imposing the equality between the two ratios, in the worst-
case condition (minimum line and maximum deliverable current IOUTCC):
Equation 18
where VAUX is the voltage present at the auxiliary winding when the MOSFET is ON:
RPF
1k

265V
2
76.8k
 19T
 15 1k 125T

–
0.75 76.8k
 125T

–
125T
0.75 76.8k
 15V 1k
+

---------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------
59k
=
=
VCS
CV
RSENSE EQ
-------------------------------
RCS
VAUX
RPF
--------------
1
2
-------


RSENSE
--------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com