Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4350 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN4350
Description  High power factor LED driver with constant voltage regulation based on HVLED815PF
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4350 Datasheet(HTML) 1 Page - STMicroelectronics

  AN4350 Datasheet HTML 1Page - STMicroelectronics AN4350 Datasheet HTML 2Page - STMicroelectronics AN4350 Datasheet HTML 3Page - STMicroelectronics AN4350 Datasheet HTML 4Page - STMicroelectronics AN4350 Datasheet HTML 5Page - STMicroelectronics AN4350 Datasheet HTML 6Page - STMicroelectronics AN4350 Datasheet HTML 7Page - STMicroelectronics AN4350 Datasheet HTML 8Page - STMicroelectronics AN4350 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
February 2014
DocID025181 Rev 1
1/34
AN4350
Application note
High power factor LED driver with constant voltage regulation based
on HVLED815PF
Giovanni Gritti
Introduction
The EVLHVLED815W8CV demonstration board shows how to implement a high power
factor LED driver with a constant voltage regulation, using the single-stage primary side
HVLED815PF controller.
The HVLED815PF device is an integrated power controller with primary side control to
achieve the LED current regulation within ± 5%.
It also has a primary side voltage regulation and this AN shows how to reach the high power
factor with the constant voltage (CV) regulation.
The device incorporates an 800 V avalanche rated FET and fits in a standard SO-16
package. An internal start-up circuit eliminates the need for an external start circuitry
reducing the component counts/space and increases system efficiency.
Figure 1. Demonstration board - top side view
www.st.com


Similar Part No. - AN4350

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4351 STMICROELECTRONICS-AN4351 Datasheet
219Kb / 10P
STMicroelectronics has developed micro battery products
27-Sep-2013
AN4354 STMICROELECTRONICS-AN4354 Datasheet
274Kb / 14P
This document describes the operation of the gate driving circuitry which
27-Mar-2015
AN4355 STMICROELECTRONICS-AN4355 Datasheet
475Kb / 25P
The L6480 and L6482 devices are motor controllers providing
27-Mar-2015
AN4356 STMICROELECTRONICS-AN4356 Datasheet
1Mb / 14P
Antenna desense on handheld equipment
03-Oct-2013
More results

Similar Description - AN4350

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4346 STMICROELECTRONICS-AN4346 Datasheet
1Mb / 33P
10 W wide range - high power factor - isolated LED driver using HVLED815PF
29-Oct-2013
logo
Unisonic Technologies
UPSL103 UTC-UPSL103 Datasheet
189Kb / 5P
HIGH POWER FACTOR ACCURACY CONSTANT CURRENT LED DRIVER
UPSLD01 UTC-UPSLD01 Datasheet
157Kb / 5P
HIGH POWER FACTOR LINEAR CONSTANT CURRENT LED DRIVER
logo
STMicroelectronics
EVLHVLED815W15 STMICROELECTRONICS-EVLHVLED815W15 Datasheet
461Kb / 7P
15 W high power factor LED driver based on HVLED815PF
27-Aug-2013
logo
E-CMOS Corporation
EC4188B E-CMOS-EC4188B Datasheet
647Kb / 10P
High Power Factor & Accuracy Constant Current LED Driver
logo
Unisonic Technologies
UL51A UTC-UL51A Datasheet
101Kb / 6P
HIGH POWER FACTOR LINEAR CONSTANT CURRENT LED DRIVER
UL52A UTC-UL52A Datasheet
150Kb / 6P
HIGH POWER FACTOR LINEAR CONSTANT CURRENT LED DRIVER
UL52B UTC-UL52B Datasheet
175Kb / 6P
HIGH POWER FACTOR LINEAR CONSTANT CURRENT LED DRIVER
UL52C UTC-UL52C Datasheet
191Kb / 6P
HIGH POWER FACTOR LINEAR CONSTANT CURRENT LED DRIVER
logo
Shenzhen Tianyuan Semic...
TP8113 TPOWER-TP8113 Datasheet
593Kb / 9P
High power factor linear constant current LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com