Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4414 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4414
Description  Anti-tampering ferrite less power supply for 3-phase energy meter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4414 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4414 Datasheet HTML 2Page - STMicroelectronics AN4414 Datasheet HTML 3Page - STMicroelectronics AN4414 Datasheet HTML 4Page - STMicroelectronics AN4414 Datasheet HTML 5Page - STMicroelectronics AN4414 Datasheet HTML 6Page - STMicroelectronics AN4414 Datasheet HTML 7Page - STMicroelectronics AN4414 Datasheet HTML 8Page - STMicroelectronics AN4414 Datasheet HTML 9Page - STMicroelectronics AN4414 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Description of SMPS
AN4414
6/20
DocID025611 Rev 1
The primary inductance is calculated as:
Equation 8
Equation 9
where:
= efficiency of flyback stage
Pout = output power required.
Equation 10
Using Equation 10, we can rewrite Equation 6 as:
Equation 11
Reflected voltage is defined as:
Equation 12
RMS primary current is:
Equation 13
Turn ratio, n is defined as:
Equation 14
where:
Np = number of primary turns
Ns = number of secondary turns.
Lp
2Pin
Ipkp
2
fsw
-------------------------------
=
Pin
Pout
-------------
=
Lp
2 Pout
 Ipkp
2
fsw
-----------------------------------------
=
Ipkp
2Pout
 Vinmin Dmax
-----------------------------------------------------
=
VR
Dmax
1Dmax
–

------------------------------ Vdcmin
=
Iprms
Ipkp
Dmax
3
----------------
=
n
VR
Vout VF
+
---------------------------
Np
Ns
--------
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com