Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4414 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN4414
Description  Anti-tampering ferrite less power supply for 3-phase energy meter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4414 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN4414 Datasheet HTML 6Page - STMicroelectronics AN4414 Datasheet HTML 7Page - STMicroelectronics AN4414 Datasheet HTML 8Page - STMicroelectronics AN4414 Datasheet HTML 9Page - STMicroelectronics AN4414 Datasheet HTML 10Page - STMicroelectronics AN4414 Datasheet HTML 11Page - STMicroelectronics AN4414 Datasheet HTML 12Page - STMicroelectronics AN4414 Datasheet HTML 13Page - STMicroelectronics AN4414 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Description of SMPS
AN4414
10/20
DocID025611 Rev 1
Maximum DC bus voltage at flyback input:
Equation 20
Vdcmax ~ 360 VDC
Assuming efficiency,
 = 65 % (flyback stage):
Equation 21
fsw = 115 KHz
Equation 22
Equation 23
Let
VR = 10 V
Equation 24
Equation 25
this gives
Dmax = 9.1%
Ton = Dmax = 790 µs
Which is greater than Tonmin (= 400 ns), the device minimum turn-on time as per the
datasheet of the VIPER17HN.
Equation 26
Where the max. drain current limitation threshold of the VIPER17 is 400 mA, so at minimum
DC input voltage, the device will not enter into the hiccup mode.
Equation 27
Ts
1
fsw
---------
8.69
s
==
VR
Dmax
1Dmax
–

------------------------------ Vdcmin
10V
==
Ipkp
2Pout
 Vinmin Dmax
-----------------------------------------------------
0.169A
==
Lp
2 Pout
 Ipkp
2
fsw
----------------------------------------- 540
H
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com