Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4414 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN4414
Description  Anti-tampering ferrite less power supply for 3-phase energy meter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4414 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN4414 Datasheet HTML 4Page - STMicroelectronics AN4414 Datasheet HTML 5Page - STMicroelectronics AN4414 Datasheet HTML 6Page - STMicroelectronics AN4414 Datasheet HTML 7Page - STMicroelectronics AN4414 Datasheet HTML 8Page - STMicroelectronics AN4414 Datasheet HTML 9Page - STMicroelectronics AN4414 Datasheet HTML 10Page - STMicroelectronics AN4414 Datasheet HTML 11Page - STMicroelectronics AN4414 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Description of SMPS
AN4414
8/20
DocID025611 Rev 1
This clearly states that selecting a higher duty cycle at a minimum input voltage will cause
the peak primary current to decrease and requires a high magnetizing inductance. To attain
the required inductance, we will require a larger number of turns and the transformer would
be very bulky if no high permeability ferrite material is used to require that inductance.
Moreover the DCR of windings will increase due to a long wire length and copper losses will
be more, impacting the efficiency and metering standard norms. For 3-phase metering, the
power supply consumption should be limited below 8 VA.
Looking into the above challenges, we need to define a very low value of a maximum duty
cycle and hence the peak primary (or drain current) at somewhat higher value. On the other
hand, this would require lesser turn ratio (n) and there would be a large number of
secondary turns in comparison with a traditional flyback transformer.
Note:
Maximum primary peak (or a drain current of the device) < Idlim (maximum specified value
in the VIPER17 datasheet).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com