Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4414 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN4414
Description  Anti-tampering ferrite less power supply for 3-phase energy meter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4414 Datasheet(HTML) 1 Page - STMicroelectronics

  AN4414 Datasheet HTML 1Page - STMicroelectronics AN4414 Datasheet HTML 2Page - STMicroelectronics AN4414 Datasheet HTML 3Page - STMicroelectronics AN4414 Datasheet HTML 4Page - STMicroelectronics AN4414 Datasheet HTML 5Page - STMicroelectronics AN4414 Datasheet HTML 6Page - STMicroelectronics AN4414 Datasheet HTML 7Page - STMicroelectronics AN4414 Datasheet HTML 8Page - STMicroelectronics AN4414 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
February 2014
DocID025611 Rev 1
1/20
AN4414
Application note
Anti-tampering ferrite less power supply for 3-phase energy meter
Harjeet Singh
Introduction
This power supply design is dedicated to energy meter applications and an other low power
auxiliary supply for systems with galvanic isolation for a single phase or 3-phase input mains
supply. The SMPS can cater the super wide input voltage ranging 90 VAC to 440 VAC single
phase or 3-phase / 4-wire configurations with low component counts. For energy meter
applications, anti-tampering feature is a must nowadays which is governed by electricity
board regulatory agencies.
Normally the SMPS are designed with ferrite cores, either a flyback transformer or a buck
inductor, which saturates in an environment where strong magnetic fields are available. To
avoid the same, some type of magnetic shielding are required, which adds a cost and
complexity in manufacturing process of the magnetics. In case of tampering where SMPS
are available in energy meters, commonly a strong magnetic field of about 0.5 Tesla
strength is applied, which interfaces with the ferrite core and saturates it. Due to saturation,
sometimes the failure of power devices may also take place, or the SMPS with integrated
switches gets into the protection mode and limiting the output voltage, consequently the
meter stops which is a tempered condition.
To overcome this situation, in the present case, an example to design the flyback converter
without using any ferrites or a high permeability core for a required magnetizing inductance
and so called an air core magnetic approach is described in this application note. If no
ferrites are involved, no saturation phenomenon can take place under the influence of an
external strong magnetic field and this will comply the energy meter anti-tampering
standard, which requires 0.5 Tesla magnetic immunity. The only drawback could be the
large number of turns and associated copper losses. Since the required power is very low,
the copper losses are acceptable up to a certain extent. The specification of overall input
power to be within the limits as per energy meter power supply specifications needs to be
complied.
www.st.com


Similar Part No. - AN4414

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN441 STMICROELECTRONICS-AN441 Datasheet
718Kb / 16P
Inductive load control with AC switches
09-Mar-2010
AN4415 STMICROELECTRONICS-AN4415 Datasheet
5Mb / 30P
This document focuses on a demonstration board design
30-May-2014
AN4417 STMICROELECTRONICS-AN4417 Datasheet
271Kb / 22P
This document provides an overview
19-Dec-2013
More results

Similar Description - AN4414

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BL6501 ETC-BL6501 Datasheet
345Kb / 15P
Single Phase Energy Meter IC
logo
Analog Devices
ADSST-EM-2030 AD-ADSST-EM-2030 Datasheet
193Kb / 20P
Three-Phase Energy Meter Chipset
REV.0
logo
Teridian Semiconductor ...
71M6511 TERIDIAN-71M6511 Datasheet
871Kb / 95P
Single-Phase Energy Meter IC
logo
SHANGHAI BELLING CO., L...
BL0952A BELLING-BL0952A Datasheet
516Kb / 13P
Three-phase Active Energy Meter
logo
Advantech Co., Ltd.
PME-1130 ADVANTECH-PME-1130 Datasheet
159Kb / 1P
3-phase KW & KWH Energy Meter
logo
Analog Devices
ADSST-EM-2030 AD-ADSST-EM-2030_15 Datasheet
153Kb / 20P
Three-Phase Energy Meter Chipset
REV. 0
logo
STMicroelectronics
AN4154 STMICROELECTRONICS-AN4154 Datasheet
1Mb / 21P
Power supply for energy meter and power line modem
05-Nov-2012
logo
SHANGHAI BELLING CO., L...
BL6501A BELLING-BL6501A_07 Datasheet
450Kb / 15P
Single Phase Energy Meter IC
BL6503E BELLING-BL6503E Datasheet
330Kb / 12P
Single Phase Energy Meter IC
logo
C&K Components
ATS CK-COMPONENTS-ATS_V01 Datasheet
280Kb / 3P
Anti-Tampering Detect Switches
3 Sep 20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com