Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4414 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4414
Description  Anti-tampering ferrite less power supply for 3-phase energy meter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4414 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4414 Datasheet HTML 8Page - STMicroelectronics AN4414 Datasheet HTML 9Page - STMicroelectronics AN4414 Datasheet HTML 10Page - STMicroelectronics AN4414 Datasheet HTML 11Page - STMicroelectronics AN4414 Datasheet HTML 12Page - STMicroelectronics AN4414 Datasheet HTML 13Page - STMicroelectronics AN4414 Datasheet HTML 14Page - STMicroelectronics AN4414 Datasheet HTML 15Page - STMicroelectronics AN4414 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Description of SMPS
AN4414
12/20
DocID025611 Rev 1
Case 2
Let's take Lp = 680 µH and increasing the reflected voltage slightly: VR = 18 V.
Equation 30
So
recalling the equation:
Equation 31
In our case
V = voltage at flyback input,
L = primary magnetizing inductance, Lp
and dt = turn-on time
With 680 µH as a primary inductance, let's analyze the flyback stage at different DC input
conditions. At Vdcmin ~ 100 VDC (which is corresponding to 80 VAC), calculating the peak
current through the device in a discontinuous conduction mode.
Equation 32
This gives:
Equation 33
Dmax = 15.2%
Equation 34
Ton = Dmax x Ts = 1.33 µs
Equation 35
Looking into waveforms in Figure 2 and Figure 3., we have the same practical results. The
waveforms are captured at different input voltage conditions.
As long as the turn-on time of the flyback switch is greater than its minimum turn-on time
(internally fixed, 400 ns in the VIPER17), the device peak current is maintained as per the
duty decided by the feedback loop. As input voltage increases and duty reduces in order
“Tonmin” is achieved, there is no further decrease in turn-on time with a further increase in
input voltage and the device peak current will increase as input voltage increases and it can
be calculated using Equation 35 at fixed Tonmin = 400 ns. Since the MOSFET clamp circuit
ensures the maximum DC input to flyback as per the Zener biasing and maintains maximum
n
VR
Vout VF
+
---------------------------
3.2 considering VF
5V
=

==
VL
di
dt
-----
=
VR
Dmax
1Dmax
–

------------------------------ Vdcmin
18V
==
Ipkp
Vdcmin Ton
Lp
---------------------------------------
196mA
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com