Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT685 Datasheet(PDF) 1 Page - Linear Technology

Part # LT685
Description  High Speed Comparator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT685 Datasheet(HTML) 1 Page - Linear Technology

  LT685 Datasheet HTML 1Page - Linear Technology LT685 Datasheet HTML 2Page - Linear Technology LT685 Datasheet HTML 3Page - Linear Technology LT685 Datasheet HTML 4Page - Linear Technology LT685 Datasheet HTML 5Page - Linear Technology LT685 Datasheet HTML 6Page - Linear Technology LT685 Datasheet HTML 7Page - Linear Technology LT685 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LT685
685fa
RESISTANCE (Ω)
100
200
500
1
10
100
1k
2k
5k
10k
LT685 • TA02
HYSTERESIS IS ZERO
IF PIN LEFT OPEN
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
High Speed Comparator
■
Ultrafast (5.5ns typ)
■
Complementary ECL Output
■
50Ω Line Driving Capability
■
Low Offset Voltage
■
Output Latch Capability
■
External Hysteresis Control
■
Pin Compatible with Am685
■
High Speed A-to-D Converters
■
High Speed Sampling Circuits
■
Oscillators
The LT
®685 is an ultrafast comparator with differential
inputs and complementary outputs fully compatible with
ECL logic levels. The output current capability is adequate
for driving transmission lines terminated in 50Ω. The low
input offset and high resolution make this comparator
ideally suited for analog-to-digital signal processing
applications.
A latch function is provided to allow the comparator to be
used in a sample-hold mode. When the latch enable input
is ECL high, the comparator functions normally. When the
latch enable is driven low, the comparator outputs are
locked in their existing logical states. If the latch function
is not used, the latch enable must be connected to ground
or ECL high.
The device is pin-compatible with the Am685. Hysteresis
has been added to improve switching time with slow input
signals as well as to minimize oscillation. A single resistor
between the hysteresis pin and V– adds input hysteresis
voltage as more current is drawn. If hysteresis is not
required, the pin can be left unconnected.
, LTC and LT are registered trademarks of Linear Technology Corporation.
Comparator with Hysteresis
Hysteresis
–
+
LT685
6V
–5.2V
R
RL
VT
RL
GND1
GND2
Q
Q
HYSTERESIS
LATCH
ENABLE
LT685 • TA01
V +
V –
VIN


Similar Part No. - LT685

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT685 LINER-LT685 Datasheet
248Kb / 4P
High Speed Comparator
LT685 LINER-LT685 Datasheet
99Kb / 8P
High Speed Comparator
LT685C LINER-LT685C Datasheet
248Kb / 4P
High Speed Comparator
LT685CH LINER-LT685CH Datasheet
248Kb / 4P
High Speed Comparator
LT685CH LINER-LT685CH Datasheet
99Kb / 8P
High Speed Comparator
More results

Similar Description - LT685

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8504F TOSHIBA-TA8504F Datasheet
153Kb / 4P
HIGH SPEED COMPARATOR
TA8517F TOSHIBA-TA8517F Datasheet
146Kb / 4P
HIGH SPEED DUAL COMPARATOR
logo
Linear Technology
LT685 LINER-LT685 Datasheet
248Kb / 4P
High Speed Comparator
logo
National Semiconductor ...
LM760 NSC-LM760 Datasheet
197Kb / 10P
High Speed Differential Comparator
logo
Maxwell Technologies
903 MAXWELL-903 Datasheet
311Kb / 14P
High Speed Comparator
logo
Intersil Corporation
EL5181 INTERSIL-EL5181 Datasheet
106Kb / 9P
8ns High-Speed Comparator
December 4, 2001
HFA-0003 INTERSIL-HFA-0003 Datasheet
149Kb / 4P
Ultra High Speed Comparator
September 1998
logo
National Semiconductor ...
MDLM119-X NSC-MDLM119-X Datasheet
359Kb / 18P
HIGH SPEED DUAL COMPARATOR
logo
Linear Technology
LT685 LINER-LT685_1 Datasheet
99Kb / 8P
High Speed Comparator
logo
Texas Instruments
LM319MX TI1-LM319MX Datasheet
295Kb / 13P
High Speed Dual Comparator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com