Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT685 Datasheet(PDF) 4 Page - Linear Technology

Part # LT685
Description  High Speed Comparator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT685 Datasheet(HTML) 4 Page - Linear Technology

  LT685 Datasheet HTML 1Page - Linear Technology LT685 Datasheet HTML 2Page - Linear Technology LT685 Datasheet HTML 3Page - Linear Technology LT685 Datasheet HTML 4Page - Linear Technology LT685 Datasheet HTML 5Page - Linear Technology LT685 Datasheet HTML 6Page - Linear Technology LT685 Datasheet HTML 7Page - Linear Technology LT685 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
685fa
LT685
LT685C
LT685M
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
tPD
Propagation Delay
TA = 25°C
4.5
5.5
6.5
4.5
5.5
6.5
ns
(Note 4)
TA = TMAX
5.0
9.5
5.5
12
ns
TA = TMIN
4.0
6.5
3.5
6.5
ns
tPD(E)
Latch Enable to
TA = 25°C
4.5
5.5
6.5
4.5
5.5
6.5
ns
Output Delay
TA = TMAX
5.0
9.5
5.5
12
ns
(Note 3)
TA = TMIN
4.0
6.5
3.5
6.5
ns
tS
Minimum Set-Up Time
TMIN ≤ TA ≤ 25°C
3.0
3.0
ns
(Note 3)
TA = TMAX
4.0
6.0
ns
tH
Minimum Hold Time
TMIN ≤ TA ≤ TMAX
1.0
1.0
ns
(Note 3)
tPW(E)
Minimum Latch Enable
TMIN ≤ TA ≤ 25°C
3.0
3.0
ns
Pulse Width (Note 3)
TA = TMAX
4.0
5.0
ns
(VIN = 100mV step, 5mV overdrive)
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: For the metal can package, derate at 6.8mW/°C for operation at
ambient temperatures above 100°C; for the hermetic dual-in-line package,
derate at 9mW/°C for operation at ambient temperatures above 105°C.
Note 3: Guaranteed by design, but not tested.
Note 4: Sample tested at 25°C only.
Definitions:
tPD: The propagation delay measured from the time the input signal
crosses the input offset voltage to the 50% point of the output transition.
tPD(E): The propagation delay measured from the 50% point of the latch
enable signal positive transition to the 50% point of the output transition.
tS: The minimum time before the negative transition of the latch enable
signal that an input signal change must be present in order to be acquired
and held at the outputs.
tH: The minimum time after the negative transition of the latch enable
signal that the input signal must remain unchanged in order to be acquired
and held at the outputs.
tPW (E): The minimum time that the latch enable signal must be HIGH in
order to acquire and hold an input signal change.
SWITCHI G CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com