Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT685 Datasheet(PDF) 5 Page - Linear Technology

Part # LT685
Description  High Speed Comparator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT685 Datasheet(HTML) 5 Page - Linear Technology

  LT685 Datasheet HTML 1Page - Linear Technology LT685 Datasheet HTML 2Page - Linear Technology LT685 Datasheet HTML 3Page - Linear Technology LT685 Datasheet HTML 4Page - Linear Technology LT685 Datasheet HTML 5Page - Linear Technology LT685 Datasheet HTML 6Page - Linear Technology LT685 Datasheet HTML 7Page - Linear Technology LT685 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
LT685
685fa
SCHE ATIC DIAGRA
R2
300Ω
R1
300Ω
R6
525Ω
R5
525Ω
R7
275Ω
R17
150Ω
V–
V+
R16
2.1k
R15
2.1k
R13
3.0k
R20
3.8k
R21
846Ω
R3
1.4k
R4
2.4k
R19
2.4k
R14
3k
R18
150Ω
R10
880Ω
R12
200Ω
R11
430Ω
R8
275Ω
Q14
Q13
Q18
Q1
Q2
Q17
Q23
Q
OUTPUT
Q
OUTPUT
Q21
Q22
Q25
Q26
Q28
Q10
Q5
Q11
Q12
Q29
Q16
Q9
Q8
NONINVERTING
INPUT
INVERTING
INPUT
LATCH
ENABLE
HYSTERESIS
Q6
Q7
D6
Q15
Q27
Q24
Q19
Q20
GND #2
D4
D1
D2
D3
D5
D7
D8
GND #1
R23
1.7k
Q33
Q4
Q3
Q31
Q32
Q30
R22
2.9k
LT685 • S01



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com