Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT685 Datasheet(PDF) 3 Page - Linear Technology

Part # LT685
Description  High Speed Comparator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT685 Datasheet(HTML) 3 Page - Linear Technology

  LT685 Datasheet HTML 1Page - Linear Technology LT685 Datasheet HTML 2Page - Linear Technology LT685 Datasheet HTML 3Page - Linear Technology LT685 Datasheet HTML 4Page - Linear Technology LT685 Datasheet HTML 5Page - Linear Technology LT685 Datasheet HTML 6Page - Linear Technology LT685 Datasheet HTML 7Page - Linear Technology LT685 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
LT685
685fa
ELECTRICAL CHARACTERISTICS
LT685C
LT685M
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
TA = 25°C
1.0
±2.0
1.0
±2.0
mV
±2.5
±3.0
mV
dVOS/dT
Input Offset Voltage Drift
(Note 3)
±10
±10
µV/°C
lOS
Input Offset Current
TA = 25°C
0.3
±1.0
0.3
±1.0
µA
±1.3
±1.6
µA
IB
Input Bias Current
TA= 25°C5
10
510
µA
13
16
µA
RIN
Input Resistance
TA = 25°C (Note 3)
6.0
6.0
kΩ
CIN
Input Capacitance
TA = 25°C (Note 3)
3.0
3.0
pF
VCM
lnput Voltage Range
±3.3
±3.3
V
CMRR
Common Mode Rejection
80
80
dB
SVRR
Supply Voltage Rejection
70
70
dB
VOH
Output High Voltage
TA = 25°C– 0.960
–0.810
–0.960
–0.810
V
TA = TMIN
–1.060
–0.890
–1.100
–0.920
V
TA = TMAX
– 0.890
–0.700
–0.850
–0.620
V
VOL
Output Low Voltage
TA = 25°C
–1.850
–1.650
–1.850
–1.650
V
TA = TMIN
–1.890
–1.675
–1.910
–1.690
V
TA = TMAX
–1.825
–1.625
–1.810
–1.575
V
I+
Positive Supply Current
22
22
mA
I–
Negative Supply Current
26
26
mA
PDISS
Power Dissipation
300
300
mW
V+ = 6.0V, V– = –5.2V, VT = –2V, RL = 50Ω, R = ∞ over the operating temp-
erature ranges, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com