Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT685 Datasheet(PDF) 2 Page - Linear Technology

Part # LT685
Description  High Speed Comparator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT685 Datasheet(HTML) 2 Page - Linear Technology

  LT685 Datasheet HTML 1Page - Linear Technology LT685 Datasheet HTML 2Page - Linear Technology LT685 Datasheet HTML 3Page - Linear Technology LT685 Datasheet HTML 4Page - Linear Technology LT685 Datasheet HTML 5Page - Linear Technology LT685 Datasheet HTML 6Page - Linear Technology LT685 Datasheet HTML 7Page - Linear Technology LT685 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
685fa
LT685
Output Current ...................................................... 30mA
Power Dissipation (Note 2) ................................ 500mW
Operating Temperature
LT685C ......................................... –30°C ≤ TA ≤ 85°C
LT685M (OBSOLETE) ................. –55°C ≤ TA ≤ 125°C
Positive Supply Voltage ............................................. 7V
Negative Supply Voltage .......................................... –7V
Input Voltage ........................................................... ±4V
Differential Input Voltage ......................................... ±6V
Latch Pin Voltage .............................................. 2V to V–
Hysteresis Pin Voltage ...................................... 0V to V–
(Note 1)
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
Consult LTC Marketing for parts specified with wider operating temperature ranges.
OBSOLETE PACKAGE
Consider the N16 Package as an Alternate Source
OBSOLETE PACKAGE
Consider the N16 Package as an Alternate Source
TOP VIEW
GND #2
GND #1
LATCH
ENABLE
V –
10
9
8
6
4
2
1
5
H PACKAGE
TO-5 METAL CAN
7
3
Q OUTPUT
Q OUTPUT
HYSTERESIS
INVERTING
INPUT
NONINVERTING
INPUT
V+
+
–
J16 PACKAGE (HERMETIC)
16-LEAD PDIP
N16 PACKAGE
16-LEAD CERDIP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
GND #1
V+
NON-INVERTING INPUT
INVERTING INPUT
NC
LATCH ENABLE
NC
V –
GND #2
NC
NC
NC
Q OUTPUT
Q OUTPUT
NC
HYSTERESIS
ORDER PART
NUMBER
ORDER PART
NUMBER
LT685CH
LT685MH
LT685CN
ORDER PART
NUMBER
LT685CJ
LT685MJ
LT685 • POI01



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com