Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1236LS8 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1236LS8
Description  Precision, Low Noise, Low Profile Hermetic Voltage Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1236LS8 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1236LS8 Datasheet HTML 5Page - Linear Technology LT1236LS8 Datasheet HTML 6Page - Linear Technology LT1236LS8 Datasheet HTML 7Page - Linear Technology LT1236LS8 Datasheet HTML 8Page - Linear Technology LT1236LS8 Datasheet HTML 9Page - Linear Technology LT1236LS8 Datasheet HTML 10Page - Linear Technology LT1236LS8 Datasheet HTML 11Page - Linear Technology LT1236LS8 Datasheet HTML 12Page - Linear Technology LT1236LS8 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LT1236LS8
9
1236ls8f
applicaTions inForMaTion
Figure 2b. Hysteresis Plot –40°C to 85°C
Figure 2a. Hysteresis Plot 0°C to 70°C
DISTRIBUTION (ppm)
–120
0
5
15
25
–80
–40
40
80
120
0
35
10
20
30
1236ls8 F02b
25°C TO –40°C TO 25°C
25°C TO 85°C TO 25°C
DISTRIBUTION (ppm)
20
18
50
16
14
12
10
–50
–10
90
–30
10
70
30
2
4
6
8
0
22
1236ls8 F02a
25°C TO 0°C TO 25°C
25°C TO 70°C TO 25°C
Hysteresis
Thermal hysteresis is a measure of change of output volt-
age as a result of temperature cycling. Figure 2a and 2b
illustrate the typical hysteresis based on data taken from
the LT1236LS8. A proprietary design technique minimizes
thermal hysteresis.
IR Reflow Shift
The mechanical stress of soldering a part to a board can
cause the output voltage to shift. Moreover, the heat of
an IR reflow or convection soldering oven can also cause
the output voltage to shift. The materials that make up a
semiconductor device and its package have different rates
of expansion and contraction. After a part undergoes the
extreme heat of a lead-free IR reflow profile, like the one
shown in Figure 3, the output voltage shifts. After the
device expands, due to the heat, and then contracts, the
Humidity Sensitivity
Plastic mold compounds absorb moisture. With changes
in relative humidity, plastic packaging materials change
the amount of pressure they apply to the die inside, which
can cause slight changes in the output of a voltage refer-
ence, usually on the order of 100ppm. The LS8 package is
hermetic, so it is not affected by humidity, and is therefore
more stable in environments where humidity may be a
concern.However,PCBoardmaterialmayabsorbmoisture
and apply mechanical stress to the LT1236LS8. Proper
board materials and layout are essential.
Figure 3. Lead-Free Reflow Profile
Figure 4. Output Voltage Shift Due to IR Reflow
MINUTES
0
150
225
8
1236ls8 F03
75
0
2
4
6
10
300
T = 150°C
TS = 190°C
TL = 217°C
TP = 260°C
380s
tP
30s
tL
130s
40s
120s
RAMP
DOWN
TS(MAX) = 200°C
RAMP TO
150°C
REFLOW SHIFT (%)
–0.05
0
2
4
6
–0.03
–0.01
–0.04
–0.02
0.01
0
10
9
8
1
3
5
7
1236ls8 F04
1
× REFLOW
3
× REFLOW
24Hr REST
stresses on the die have changed position. This shift is
similar, but more extreme than thermal hysteresis.
Experimental results of IR reflow shift are shown below
in Figure 4. These results show only shift due to reflow
and not mechanical stress.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com