Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1236LS8 Datasheet(PDF) 12 Page - Linear Technology

Part # LT1236LS8
Description  Precision, Low Noise, Low Profile Hermetic Voltage Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1236LS8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1236LS8 Datasheet HTML 8Page - Linear Technology LT1236LS8 Datasheet HTML 9Page - Linear Technology LT1236LS8 Datasheet HTML 10Page - Linear Technology LT1236LS8 Datasheet HTML 11Page - Linear Technology LT1236LS8 Datasheet HTML 12Page - Linear Technology LT1236LS8 Datasheet HTML 13Page - Linear Technology LT1236LS8 Datasheet HTML 14Page - Linear Technology LT1236LS8 Datasheet HTML 15Page - Linear Technology LT1236LS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LT1236LS8
12
1236ls8f
Typical applicaTions
VCC
fO
REF+
REF–
SCK
BUSY
IN+
IN–
SDO
CS
EXT
0.1µF
4
13
5
6
12
1, 8, 9, 16
11
10
15
SDI
7
5V
10µF
0.01µF
LTC2440
1236ls8 TA08
14
R2
10
IN+
R1
5k
C2, C5 TAIYO YUDEN JMK107BJ105MA
4.7µF
8V TO 12V
LT1236LS8
C2
1µF
C1
0.01µF
1/2 LTC2051HV
C5
1µF
R5
10
IN–
R4
5k
C4
0.01µF
1/2 LTC2051HV
+
–
+
–
High Precision, High Stability, Differential Measurement System



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com