Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1236LS8 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1236LS8
Description  Precision, Low Noise, Low Profile Hermetic Voltage Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1236LS8 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1236LS8 Datasheet HTML 7Page - Linear Technology LT1236LS8 Datasheet HTML 8Page - Linear Technology LT1236LS8 Datasheet HTML 9Page - Linear Technology LT1236LS8 Datasheet HTML 10Page - Linear Technology LT1236LS8 Datasheet HTML 11Page - Linear Technology LT1236LS8 Datasheet HTML 12Page - Linear Technology LT1236LS8 Datasheet HTML 13Page - Linear Technology LT1236LS8 Datasheet HTML 14Page - Linear Technology LT1236LS8 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LT1236LS8
11
1236ls8f
Typical applicaTions
Operating 5V Reference from 5V Supply
LT1236LS8
OUT
IN
GND
1236ls8 TA06
+
+
1N914
1N914
≈8.5V
C2*
5µF
C1*
5µF
5V
REFERENCE
5V LOGIC
SUPPLY
CMOS LOGIC GATE**
fIN ≥ 2kHz*
FOR HIGHER FREQUENCIES C1 AND C2 MAY BE DECREASED
PARALLEL GATES FOR HIGHER REFERENCE CURRENT LOADING
*
**
2-Pole Lowpass Filtered Reference
LT1236LS8
OUT
IN
GND
1236ls8 TA07
–
+
R1
36k
1µF
MYLAR
0.5µF
MYLAR
R2
36k
LT1001
VIN
VIN
VREF
–VREF
f = 10Hz
TOTAL NOISE
≤2µVRMS
1Hz ≤ f ≤ 10kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com