Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1236LS8 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1236LS8
Description  Precision, Low Noise, Low Profile Hermetic Voltage Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1236LS8 Datasheet(HTML) 4 Page - Linear Technology

  LT1236LS8 Datasheet HTML 1Page - Linear Technology LT1236LS8 Datasheet HTML 2Page - Linear Technology LT1236LS8 Datasheet HTML 3Page - Linear Technology LT1236LS8 Datasheet HTML 4Page - Linear Technology LT1236LS8 Datasheet HTML 5Page - Linear Technology LT1236LS8 Datasheet HTML 6Page - Linear Technology LT1236LS8 Datasheet HTML 7Page - Linear Technology LT1236LS8 Datasheet HTML 8Page - Linear Technology LT1236LS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LT1236LS8
4
1236ls8f
Typical perForMance characTerisTics
Start-Up
Output Voltage Noise Spectrum
Output Voltage Noise
Output Voltage Temperature Drift
Load Regulation
Ripple Rejection
Ripple Rejection
INPUT VOLTAGE (V)
0
85
90
95
100
105
10
20
30
40
1236ls8 G01
110
115
5
15
25
35
f = 150Hz
TIME (µs)
3
4
6
7
8
2
6
8
1236ls8 G03
5
0
4
10
12
14
VIN = 0V TO 12V
BANDWIDTH (Hz)
10
8
12
16
14
10
6
2
100
1k
10k
1236ls8 G05
4
0
COUT = 0
FILTER = 1 POLE
fLOW = 0.1Hz
FREQUENCY (Hz)
10
90
110
130
120
100
80
60
100
1k
10k
1236ls8 G02
70
50
VIN = 15V
COUT = 0
TEMPERATURE (°C)
–40
5.000
5.002
5.005
0
40
60
1236ls8 G06
5.001
5.004
5.003
–20
20
80
100
FREQUENCY (Hz)
100
200
250
350
400
10
1k
10k
1236ls8 G04
0
100
300
150
50
OUTPUT CURRENT (mA)
–10
1
3
5
4
2
0
– 2
– 4
6
1236ls8 G07
–1
– 3
– 5
– 6
–8
– 4
0
4
8
– 2
2
10
VIN = 8V
SOURCING
SINKING
Quiescent Current
Sink Mode Current Limit
INPUT VOLTAGE (V)
0
0
0.2
0.6
0.8
1.0
35
30
1.8
1236ls8 G08
0.4
5
10
15
20
25
40
1.2
1.4
1.6
TJ = – 55°C
TJ = 25°C
TJ = 125°C
IOUT = 0
OUTPUT VOLTAGE (V)
0
0
10
30
40
50
4
8
10
18
1236ls8 G09
20
2
6
12 14 16
60
VIN = 8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com