Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1236LS8 Datasheet(PDF) 16 Page - Linear Technology

Part # LT1236LS8
Description  Precision, Low Noise, Low Profile Hermetic Voltage Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1236LS8 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1236LS8 Datasheet HTML 8Page - Linear Technology LT1236LS8 Datasheet HTML 9Page - Linear Technology LT1236LS8 Datasheet HTML 10Page - Linear Technology LT1236LS8 Datasheet HTML 11Page - Linear Technology LT1236LS8 Datasheet HTML 12Page - Linear Technology LT1236LS8 Datasheet HTML 13Page - Linear Technology LT1236LS8 Datasheet HTML 14Page - Linear Technology LT1236LS8 Datasheet HTML 15Page - Linear Technology LT1236LS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LT1236LS8
16
1236ls8f
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
LINEAR TECHNOLOGY CORPORATION 2012
LT 0812 • PRINTED IN USA
relaTeD parTs
Typical applicaTion
PART NUMBER DESCRIPTION
COMMENTS
LT1021
Precision References for Series or Shunt Operation in
Hermetic TO-5, SOP-8, DIP-8 Package
0.05% Max Initial Error, 5ppm/°C Max Drift, 1ppm Peak-to-Peak Noise
(0.1Hz to 10Hz), –55°C to 125°C (TO-5)
LT1236S8/
LT1236N8
Low Drift, Low Noise, 5V and 10V Voltage Reference in
SO8, and DIP8 Package
0.05% Max Initial Error, 5ppm/°C Max Drift, 1ppm Peak-to-Peak Noise
(0.1Hz to 10Hz), –40°C to 85°C
LTC6652LS8
High Precision, Buffered Voltage Reference Family in
5mm
× 5mm Hermetic QFN Package
0.05% Max Initial Error, 5ppm/°C Max Drift, Shutdown Current <2µA,
–40°C to 125°C Operation
LT6654LS8
Precision, Low Noise, High Output Drive Voltage Reference
Family in 5mm
× 5mm Hermetic QFN Package
1.6ppm Peak-to-Peak Noise (0.1Hz to 10Hz, Sink/Source ±10mA, 5ppm/°C
Max Drift, –40°C to 125°C Operation
Measure DC to Daylight Using the LTC2408 and LT1236LS8
1236sl8 TA11
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
9
10
11
12
13
14
15
17
8-CHANNEL
MUX
GND
1, 5, 6, 16, 18, 22, 27, 28
MPU
SERIAL DATA LINK
MICROWIRE AND
SPI COMPATABLE
LT1236LS8
23
20
19, 25
21
24
CSADC
CSMUX
CLK
DIN
SDO
26
FO
24-BIT
∆∑ ADC
LTC2408
ADCIN
MUXOUT
7
4
3
2, 8
1µF
5V
VREF VCC
–
+
+
4
2
6
0V TO 5V
100µF
INTERNAL OSC
SELECTED FOR
60Hz REJECTION
+
10µF
8V
5V
REF
ELECTROMETER
INPUT
(pH, PIEZO)
5V
GUARD RING
DC
VOLTMETER
INPUT
1mV TO 1000V
–5V R3, 10k
5V
MAX
C1, 0.1µF
LT1793
3
2
6
4
7
–
+
5V
–5V
LTC1050
2
3
6
7
4
R4
1k
R9
1k
1%
R7
10k, 0.1%
R5
5k, 1%
R8
100, 5%
3-WIRE R-PACK
R6
10k, 0.1%
IN914
IN914
1µF
AC
INPUT
60Hz
60Hz–RF
RF POWER
R1
900k
0.1%, 1W, 1000 WVDC
R2
4.7k
0.1%
50
R13
5k
0.1%
5V
DAYLIGHT
HAMAMATSU
PHOTODIODE
S1336-5BK
100
Pt RTD
(3-WIRE)
RT
FORCE SENSE
INFRARED
INFRARED
THERMOCOUPLE
OMEGA
0S36-01
VREF
5V
50 LOAD
BONDED TO
RTD ON
INSULATED
MOUNTING
R11
24.9k, 0.1%
J1
J2
J3
VREF
5V
THERMISTOR
10k NTC
LOCAL
TEMP
R12
24.9k, 0.1%
R10
5k
1%
–60mV TO 4V
2.7V AT 0°C
0.9V AT 40°C
–2.2mV to 16mV
0V to 4V
20mV TO 80mV
<1mV
OUT IN
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com