Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN910 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN910
Description  ST7 AND ST9 PERFORMANCE BENCHMARKING
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN910 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN910 Datasheet HTML 7Page - STMicroelectronics AN910 Datasheet HTML 8Page - STMicroelectronics AN910 Datasheet HTML 9Page - STMicroelectronics AN910 Datasheet HTML 10Page - STMicroelectronics AN910 Datasheet HTML 11Page - STMicroelectronics AN910 Datasheet HTML 12Page - STMicroelectronics AN910 Datasheet HTML 13Page - STMicroelectronics AN910 Datasheet HTML 14Page - STMicroelectronics AN910 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
11/51
ST7 AND ST9 PERFORMANCE BENCHMARKING
4 RESULT ANALYSIS
This section is an analysis of computing performance and interrupt processing
performance results (for execution time and code size). Based on core architecture analysis
(see section 7), two comparisons are presented, pointing out the strong and weak points of
each MCU. The first concerns the high-end to medium-end MCUs versus ST9+. The
second concerns the medium-end to low-end MCUs versus ST7.
4.1 PRELIMINARY REMARK
Results show that the two different ratios, for execution time and code size, calculated with full
and reduced sets of tests, are in fact not very different. In most cases, the classification of the
MCUs is kept. Thus we can consider that the reduced set is sufficient to make the MCU
core comparison.
4.2 HIGH-END TO MEDIUM-END MCU ANALYSIS VERSUS ST9+
The Table 3 presents the strong and the weak points for high-end to medium-end MCUs,
compared to the ST9+ MCU.
Notes: ICT means Instruction Cycle Time and IL means Instruction Length.
Refer to paragraph <Italic>7.2.2 Average ICT/CPI and IL<Italic end> for details on
calculation.
Refer to paragraph <Italic>7.3.4 ST9+ MCU core<Italic end> to see the main characteristics of
the ST9+ MCU core.
4.2.1 Computing performance results
Regarding speed, the ST9+ MCU ranks at the top of 8/16-bit MCUs. This new version of the
ST9 has been improved on several points, including clock per instruction and clock speed.
These enhancements have considerably reduced its instruction cycle time. A large and
powerful register file organized in groups allow the ST9+ to perform strong computation
(with many registers), have an easy access to peripheral and i/o port registers (with paged
registers), and manage multitasking (with register group pointers). Addressing modes like
register pair, register indirect with pre/post-increment, and indexed give the ST9+ the ability to
perform 16-bit data computation and manipulation, easily manipulate tables and move
blocks. A new memory management unit enlarges the memory space up to 4 Mbytes. New
instructions have been added to handle this new space and improve the C-language
support.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com