| Electronic Components Datasheet Search |
|
AN910 Datasheet(PDF) 43 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN910 Datasheet(HTML) 43 Page - STMicroelectronics |
|
43 / 51 page ![]() 43/51 ST7 AND ST9 PERFORMANCE BENCHMARKING 8 DESCRIPTION OF THE TEST ROUTINES This section is a more precise description of the test routines. For each test, are detailed the algorithm, its implementation and the features which it stresses. 8.1 ERATOSTHENES SIEVE 8.2 ACKERMANN FUNCTION 8.3 STRING SEARCH Algorithm The Eratosthenes sieve is a well-known algorithm which searches the prime numbers greater than or equal 3 out of n elements (n=8189 has been chosen arbitrary). Implementation The even numbers greater than 3 are not prime numbers, so that this algorithm only looks for prime numbers among an array of odd numbers. We have chosen an array of 8189 elements. It represents the odd numbers from 3 to 16379. The array is initialized with the value 'true' ('true' = 0), and is then filled with 1 (false) if the corresponding number is not a prime number or is not modified (it keeps the value 0='true') if it is a prime number. Don't forget that it is an array of odd numbers: array[j] ↔ 2j+3 At the beginning of the routine, each number is a potential prime number (initialization value is 'true'). The algorithm consists in setting (to 'false') the odd multiples of every prime number found in the array skimmed through in the ascending order. Features stressed This test measures the elementary computational capability and the ability to manipulate data in an array. Algorithm The Ackermann function is a two parameter function -acker(m,n)- which induces several recursive calls. Implementation This test routine is performed with two different pairs of parameters: acker(3,5) and acker(3,6). For instance, with the parameters m=3 and n=6, the function induces 172, 233 procedure calls. Features stressed It tests the efficiency in recursive procedure calls and in stacks usage. Algorithm The String search consists in searching a 16-byte string in a 128-character array. Implementation The data are predefined with the following contents: for the 128-character array, “xxxxxxxxpatterxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx” (64 bytes) “xxxxxxxxxxxxxxxxxpattern is here!xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx” (64 bytes) and for the 16-byte string, “pattern is here!” (16 bytes) The searching algorithm looks for the first matching character in the array and then compares the rest of the string. If the searched string has been found, it returns the address of the first character of the string in the array. Features stressed This program measures the efficiency in data comparison and string manipulation. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |