Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN910 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN910
Description  ST7 AND ST9 PERFORMANCE BENCHMARKING
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN910 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN910 Datasheet HTML 14Page - STMicroelectronics AN910 Datasheet HTML 15Page - STMicroelectronics AN910 Datasheet HTML 16Page - STMicroelectronics AN910 Datasheet HTML 17Page - STMicroelectronics AN910 Datasheet HTML 18Page - STMicroelectronics AN910 Datasheet HTML 19Page - STMicroelectronics AN910 Datasheet HTML 20Page - STMicroelectronics AN910 Datasheet HTML 21Page - STMicroelectronics AN910 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 51 page
background image
18/51
ST7 AND ST9 PERFORMANCE BENCHMARKING
5.4 ST9+ MCU TOOLS
5.5 ST9 MCU TOOLS
5.6 H8/300 MCU TOOLS
Hardware tools
ST90R192 chip
Circuit Real Time Emulation System ST9+ HDS2 (Hardware Development System 2)
The PLL clock has been used (see configuration in assembly codes)
Software tools
The GNU C Toolchain (GCC9) for the ST9+ is used to assemble the code sources (in assembler
language). The command line with its options is:
gcc9 -v -g -c -o 'name'.o 'name'.st9
Then it is linked with the linker LD9:
ld9 -I -i -m -Tdata 0x10000300 -o 'name'.u 'name'.o
To debug the program, the Windows Debugger WGDB9xxx for ST9+ is used together with the
emulator. Here, the configuration file hardware.gdb is the following one:
clear_map
map 0x000000 32 sw
map 0x008000 16 sr
Hardware tools
ST90R50 chip
Circuit Real Time Emulation System ST9 HDS2 (Hardware Development System 2)
Software tools
The GNU C Toolchain for ST9 is used. The options are the following ones:
gcc9 -v -g -c -o 'name'.o 'name'.st9
ld9 -I -i -m -Tdata 0x10000300 -o 'name'.u 'name'.o
The Windows Debugger WGDB9xxx is used with the configuration file hardware.gdb :
bankswitch off
pd_signal used
sdb sr ea 3<<2
sdb sr fc 08
sdb sr fd 08
sdb sr fe 00
# Mapping of memory
map p:0x0000 0x7FFF SR
map D:0x0000 0x7FFF SW
Hardware tools
H8/330 chip
LEV8330 evaluation board
Default jumpers’ settings have been kept.
Note that the code was placed on external memory (the size of internal RAM is limited to 512
bytes). As the access to external memory is 3 times longer than the access to internal memory,
the measured execution time results have been corrected. For each test, a value, equals to
(200ns x number of bytes executed), has been subtracted (200ns for each byte of code).
Actually, only the instruction fetch was wrong, and it lasted 300ns instead of 100ns for each byte.
Software tools
The Eurodesc H-series Interface Software (INTFC3) allows the user to communicate with the
Hitachi's Executive Monitor System (EMS) located on the development board. It uses a DOS
environment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com