Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN910 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN910
Description  ST7 AND ST9 PERFORMANCE BENCHMARKING
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN910 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN910 Datasheet HTML 26Page - STMicroelectronics AN910 Datasheet HTML 27Page - STMicroelectronics AN910 Datasheet HTML 28Page - STMicroelectronics AN910 Datasheet HTML 29Page - STMicroelectronics AN910 Datasheet HTML 30Page - STMicroelectronics AN910 Datasheet HTML 31Page - STMicroelectronics AN910 Datasheet HTML 32Page - STMicroelectronics AN910 Datasheet HTML 33Page - STMicroelectronics AN910 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 51 page
background image
30/51
ST7 AND ST9 PERFORMANCE BENCHMARKING
7.3.3 68HC12 MCU core
Memory Spaces
Von Neumann organization
- linear data/program memory space
64 kbytes with first 256-byte zero page
peripheral registers in zero page
upper 128-byte interrupt vector table = 64 interrupts
- memory extension (Harvard organization)
program/data/extra mem. windows in linear space
up to 4-Mbyte memory space/window
On-chip/Off-chip buses
- on-chip buses
16-bit address bus
8/16-bit data/program memory bus
- off-chip buses
16-bit address bus
up to 22 bits with memory expansion module
8/16-bit data/program memory bus
the two buses are multiplexed with ports
Arithmetic Logic Unit
20-bit datapath
- 8/16-bit operations
- special functions
8x8 unsigned multiplication
3 cycles
16x16 (un)signed multiplications
3 cycles
32/16 (un)signed divisions
(11)12 cycles
16/16 unsigned fractional division
12 cycles
16/16 (un)signed integer divisions
12 cycles
min/max of two 16-bit values
4 to 7 cycles
mac signed 16x16 to 32-bit mem.
13 cycles
8/16-bit table lookup and interpolate 10 cycles
(un)weighted product sum
8n cycles
Instruction processing
Prefetch mechanism
- 2-stage queue
2-word instruction queue
16-bit holding buffer if queue is full
- predecoding
- word operand even/odd alignment
no performance penalty if odd alignment
Cpu internal buses
16-bit address bus, 16-bit data bus
(to be confirmed)
Instruction set
Cisc encoding
- CPI
1 cycle to 13 cycles
- average CPI
between 3 and 4 cycles
- IL
1 byte to 5 bytes
- average IL
between 3 and 4 bytes
- special addressing modes
auto pre/post-increment/decrement indexed
stack pointer and program counter indexed
indexed-indirect with 16-bit offset
accumulator offset indexed
- special instructions
exchange register contents
increment/decrement/test & branch like
memory-to-memory moves
extended
↔ extended
mac & min/max instructions
fuzzy logic support, table lookup and interpolate
+ / x
Programming model
Accumulators
- two 8-bit accumulators
useable as one 16-bit accumulator
- two 16-bit index registers
- others registers
16-bit program counter
16-bit stack pointer
condition code register
- multitasking capabilities
with memory expansion module
context switching with program page register
and program/data/extra windows
specific call and rtc instructions
68HC12 CPU
LDAA
#8, X
ADDA #A0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com