| Electronic Components Datasheet Search |
|
AN910 Datasheet(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN910 Datasheet(HTML) 28 Page - STMicroelectronics |
|
28 / 51 page ![]() 28/51 ST7 AND ST9 PERFORMANCE BENCHMARKING 7.3.1 80C51XA MCU core On-chip/Off-chip buses - on-chip buses 16-bit address bus (up to 24-bit) 8/16-bit data memory bus 8/16-bit program memory bus 8/16-bit sfr bus - off-chip buses 8/16-bit address bus (up to 24-bit) 8/16-bit multiplexed sfr/data/program mem. bus the two buses may be multiplexed the two buses are multiplexed with ports Memory Spaces Harvard organization - segmented data/program memory spaces data memory space up to 255 segments of 64 kbytes each = 16 Mbytes 1-Kbyte zero page/segment (32 bytes bit addr.) special function register space (logically separate) 512 bytes of on-chip registers (64 bytes bit addr.) 512 bytes of off-chip registers program memory space up to 255 segments of 64 kbytes each = 16 Mbytes first 284-byte interrupt vector table = 71 interrupts Arithmetic Logic Unit 16-bit datapath - 8/16-bit operations - special functions 8x8 unsigned multiplication 12 cycles 16x16 (un)signed multiplications 12 cycles 8/8 unsigned division 12 cycles 16/8 (un)signed divisions (12)14 cycles 32/16 (un)signed divisions (22)24 cycles 32-bit shifts 6 cycles Instruction processing Prefetch mechanism - 7-byte queue - predecoding - jump/branch address even alignment addition of some 1-byte NOP instructions - word operand even alignment addition of some 1-byte NOP instructions Cpu internal buses 16-bit mux. address/data/control bus 8/16-bit sfr bus (special function register) Instruction set Cisc encoding - CPI 2 cycles to 24 cycles - average CPI between 5 and 6 cycles - IL 2 bytes to 6 bytes - average IL between 3 and 4 bytes - special addressing modes register access as bit, word, or doubleword immediate with 11-bit addresses indirect with 8/16-bit offset or auto-increment - special instructions exchange register contents push/pull multiple registers memory-to-memory moves register indirect to reg. ind., both auto-increment compare & branch like decrement & branch like Programming model Register file - banked registers 4 banks of four 16-bit registers - global registers four 16-bit registers (up to 12) - others registers 16-bit program counter (up to 24-bit) two 8-bit segment registers 16-bit system and user stack pointers - special function registers program status word, system configuration register segment select register data/extra/code segment registers on-chip/off-chip peripheral and i/o port registers - multitasking capabilities context switching with banked registers system and user modes MOVE Rd,Rs ADD Rd,#2 + / x 80C51XA CPU |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |