Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2281 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2281
Description  Low cost self-synchronizing PMAC motor drive using ST7FLITE35
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2281 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2281 Datasheet HTML 2Page - STMicroelectronics AN2281 Datasheet HTML 3Page - STMicroelectronics AN2281 Datasheet HTML 4Page - STMicroelectronics AN2281 Datasheet HTML 5Page - STMicroelectronics AN2281 Datasheet HTML 6Page - STMicroelectronics AN2281 Datasheet HTML 7Page - STMicroelectronics AN2281 Datasheet HTML 8Page - STMicroelectronics AN2281 Datasheet HTML 9Page - STMicroelectronics AN2281 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
Implementation on the ST7LITE35 microcontroller
AN2281
6/38
3
Implementation on the ST7LITE35 microcontroller
The algorithm presented in the previous paragraph has been implemented on the
ST7FLITE35 microcontroller. Although they belong a family of low-cost ST microcontrollers,
ST7FLITE3x devices nevertheless have all the necessary features to be able to drive a
PMAC motor using one Hall sensor.
●
The Lite Timer has been used to measure the period (or better the semi-period) of the
Hall sensor signal and the 12-bit autoreload Timer with its 4 PWM outputs has been
used to generate the three voltage phases.
●
The internal RC oscillator with 1% tolerance allows you to further reduce the cost and
the size of the overall system and avoid PCB layout optimization issues related to the
presence of external oscillators.
3.1
ST7LITE3x 12-bit autoreload timer (ART) in PWM mode
3.1.1
Block diagram and functional description
The 12-bit ART is based on one or two free-running 12-bit upcounters with an input capture
register and four PWM output channels.
The PWM mode of the dual 12-bit autoreload timer allows up to four Pulse Width Modulated
signals to be generated on the PWMx output pins. The four PWM signals can have the
same frequency (fPWM) or two different frequencies depending on the ENCNTR2 bit which
enables single timer or dual timer mode (see Figure 4 and Figure 5).
Figure 4.
The dual 12-bit autoreload timer: single timer mode (ENCNTR2=0)
The PWM frequency is controlled by the counter period and the ATR register value following
formula
fPWM = fCOUNTER / (4096 - ATR)
(3.1)
ATIC
PWM0
PWM1
PWM2
PWM3
PWM3 Duty Cycle Generator
12-bit Input Capture
PWM2 Duty Cycle Generator
PWM1 Duty Cycle Generator
PWM0 Duty Cycle Generator
12-Bit Autoreload Register 1
12-Bit Upcounter 1
Clock
Control
Edge Detection Circuit
Output Compare
CMP
Interrupt
OVF1 Interrupt
OE0
OE1
OE2
OE3
Dead Time
Generator
DTE bit
BPEN bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com