Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2281 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2281
Description  Low cost self-synchronizing PMAC motor drive using ST7FLITE35
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2281 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2281 Datasheet HTML 1Page - STMicroelectronics AN2281 Datasheet HTML 2Page - STMicroelectronics AN2281 Datasheet HTML 3Page - STMicroelectronics AN2281 Datasheet HTML 4Page - STMicroelectronics AN2281 Datasheet HTML 5Page - STMicroelectronics AN2281 Datasheet HTML 6Page - STMicroelectronics AN2281 Datasheet HTML 7Page - STMicroelectronics AN2281 Datasheet HTML 8Page - STMicroelectronics AN2281 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
March 2006
Rev 1
1/38
AN2281
Application note
Low cost self-synchronizing PMAC
motor drive using ST7FLITE35
Introduction
Due to their high efficiency, power by size ratio and silent operation, Permanent Magnet AC
(PMAC) motors are increasingly used in many applications. They are becoming the
predominant type of motor used in applications where the above advantages are required,
especially fans, compressors and pumps.
Since PMAC motors are synchronous machines, to get the best efficiency from them, the
excitation must be switched from one motor phase to another in exact synchronism with the
rotor motion. This concept, commonly known as self-synchronization, uses direct feedback
of the rotor angular position to ensure that the PMAC machine never loses synchronization.
This application note describes a low-voltage single-sensor three-phase AC permanent
magnet motor, also known as PMAC or BLAC (brushless AC) control system.
It includes a depiction of:
●
Reference schematics, which can be used for up to 12V-50W PMAC motors and based
on ST7LITE35 microcontroller and on STS8C5H30L complementary P-channel and N-
channel MOSFETs,
●
Firmware library, developed with the Cosmic C compiler and STVD7 release 3.x.x. It is
composed of several C modules containing a set of convenient functions for sinusoidal
waveform generation, synchronization mechanism and closed loop control of PMAC
motors.
www.st.com


Similar Part No. - AN2281

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2282 STMICROELECTRONICS-AN2282 Datasheet
164Kb / 19P
With the ever-increasing success
23-Feb-2006
AN2284 STMICROELECTRONICS-AN2284 Datasheet
266Kb / 40P
Smart Card Interface with the STR71xx
05-Jan-2006
AN2288 STMICROELECTRONICS-AN2288 Datasheet
247Kb / 29P
Single-phase energy meter with tamper detection based on ST7FLITE2x
23-May-2006
More results

Similar Description - AN2281

ManufacturerPart #DatasheetDescription
logo
Canopus Electronics (H....
CIT2211 CANOPUS-CIT2211 Datasheet
954Kb / 1P
Self Drive Piezo Transducer (AC)
CIT2811 CANOPUS-CIT2811 Datasheet
731Kb / 1P
Self Drive Piezo Transducer (AC)
logo
Unisonic Technologies
UC3501 UTC-UC3501 Datasheet
145Kb / 4P
HIGH EFFICIENT, LOW COST FLASHLIGHT LED DRIVE
logo
STMicroelectronics
AN2544 STMICROELECTRONICS-AN2544 Datasheet
353Kb / 17P
Designing a low cost power supply using
22-Nov-2007
AN1947 STMICROELECTRONICS-AN1947 Datasheet
606Kb / 36P
ST7MC PMAC SINE WAVE MOTOR CONTROL SOFTWARE LIBRARY
16-Jul-2007
logo
International Rectifier
IRF7351PBF IRF-IRF7351PBF_15 Datasheet
288Kb / 10P
Low Power Motor Drive Systems
logo
Unisonic Technologies
UC3501 UTC-UC3501_15 Datasheet
145Kb / 4P
HIGH EFFICIENT, LOW COST FLASHLIGHT LED DRIVE
logo
Illinois Capacitor, Inc...
MSR ILLINOISCAPACITOR-MSR Datasheet
213Kb / 2P
Small size ??Self Healing ??Low Cost
logo
International Rectifier
IRMCS203 IRF-IRMCS203 Datasheet
158Kb / 1P
Low cost complete sensorless drive design platform
logo
PUI audio inc.
AI-2438-TT-R PUIAUDIO-AI-2438-TT-R Datasheet
537Kb / 3P
24mm diameter self-drive indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com