Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2281 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2281
Description  Low cost self-synchronizing PMAC motor drive using ST7FLITE35
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2281 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2281 Datasheet HTML 4Page - STMicroelectronics AN2281 Datasheet HTML 5Page - STMicroelectronics AN2281 Datasheet HTML 6Page - STMicroelectronics AN2281 Datasheet HTML 7Page - STMicroelectronics AN2281 Datasheet HTML 8Page - STMicroelectronics AN2281 Datasheet HTML 9Page - STMicroelectronics AN2281 Datasheet HTML 10Page - STMicroelectronics AN2281 Datasheet HTML 11Page - STMicroelectronics AN2281 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
Implementation on the ST7LITE35 microcontroller
AN2281
8/38
3.1.2
Three-phase sinusoidal waveform generation
In order to produce the three-phase sinusoidal voltages, three of the four available PWM
outputs have been enabled. Since these three PWM signals must have the same frequency,
single timer mode has been selected (ENTNCR2=0).
To allow the necessary duty cycle updating, the OVFIE bit of the ATCSR register has been
set. This way an interrupt is generated every 1/fPWM seconds.
Furthermore, to reduce the acoustical noise introduced by the switching of the three-phase
inverter, a PWM frequency out of the audible range has been chosen. In particular, to
achieve the selected 15.625 KHz switching frequency, fCOUNTER has been fixed equal to
fCPU (8 MHz) and, consequently, using formula (3.1), the ATR1 registers have been written
with value 3584.
To reduce the contribution of the OVF interrupt service routine to the overall CPU load, the
calculations necessary for computing the three sinusoidal varying duty cycles are carried
out once per two PWM periods (that is once every two interrupts). This way, the number of
traced points per sine wave period (NP) is given by:
Since at least 18 samples per sine wave cycle must be traced to generate a sine wave with
a Total Harmonic Distortion minor than 5%, (3.2) limits the maximum sine wave frequency to
434 Hz that is equivalent to about 26,000 rpm for an one poles pair motor.
3.1.3
Third harmonic modulation
Basically, to provide the voltage needed for the PMAC motor, the reference PWM signal
could be a pure sine wave, but this kind of modulation has the drawback that it makes poor
usage of the DC bus voltage.
Adding a third harmonic modulation to the reference sine wave, allows the phase-to-phase
voltage amplitude to be increased without deteriorating current and phase-to-phase voltage
THD (a 120-degree phase-shift on the fundamental corresponds to a 360-degree shift for
the third harmonic). On this subject, the literature demonstrates that, if the third harmonic
amplitude is equal to one sixth of the fundamental one, it is possible to increase the phase-
to-phase voltage amplitude by 15% with respect to the pure sine wave approach.
(3.2)
2 * fSINE
fPWM
NP =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com