Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2281 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN2281
Description  Low cost self-synchronizing PMAC motor drive using ST7FLITE35
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2281 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN2281 Datasheet HTML 13Page - STMicroelectronics AN2281 Datasheet HTML 14Page - STMicroelectronics AN2281 Datasheet HTML 15Page - STMicroelectronics AN2281 Datasheet HTML 16Page - STMicroelectronics AN2281 Datasheet HTML 17Page - STMicroelectronics AN2281 Datasheet HTML 18Page - STMicroelectronics AN2281 Datasheet HTML 19Page - STMicroelectronics AN2281 Datasheet HTML 20Page - STMicroelectronics AN2281 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
AN2281
Library parameters
17/38
5.2
Start-up phase parameters
The motor start-up procedure implemented in the library presented in this application note
basically consists of two different phases:
●
Rotor alignment phase
●
Sinusoidal three-phase voltage ramp-up
5.2.1
Rotor alignment phase
This phase pre-positions the rotor in order to put it in a known position. This allows the
proper alignment of the statorical flux during motor start-up, avoiding any unwanted rotor
vibrations. Moreover, putting the rotor in a known position causes the current waveform
during the motor start-up to be repetitive and deterministic, and thus easily adjustable. In
spite of all this, in some applications, it can be useful not perform the alignment phase. This
usually produces a higher and more uncontrolled current but it can lead to a faster ramp-up
of the motor.
In the library supplied with this application note, you can disable or enable the rotor
alignment by commenting the command line in or out.
#define ROTOR_ALIGNMENT
The rotor pre-positioning is achieved by applying a linearly increasing voltage (starting from
zero volts) to one of the three phases of the motor while the other two are grounded.
The two command lines:
#define ALIGNMENT_DURATION
xxx
//Alignment duration in msec
#define FINAL_DUTY
xxx //Final duty cycle in 1/255 units
//(85 <=> 33%)
set the alignment phase duration and the final duty cycle (normally it should not exceed
33%).
5.2.2
Sinusoidal three-phase voltage ramp-up
This procedure initializes the sinusoidal three-phase voltage generation and, in order to
reduce the start-up motor current, carries out a linear increase of the sine amplitude. The
command lines:
#define START_VOLT
xxx
// in 1/255 unit. 255 <=> maximum
// modulation index
#define START_SPEED
xxx
// in rpm
allow to you initialize the three-phase sinusoidal voltage amplitude and frequency. Note that
statorical frequency initialization is necessary because the self-synchronization algorithm
discussed in Section 2 can work properly only if the rotor frequency f* can be measured.
The initialized value of statorical frequency will be, therefore, applied to the motor until a
valid f* measurement has been performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com