Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2281 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2281
Description  Low cost self-synchronizing PMAC motor drive using ST7FLITE35
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2281 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2281 Datasheet HTML 16Page - STMicroelectronics AN2281 Datasheet HTML 17Page - STMicroelectronics AN2281 Datasheet HTML 18Page - STMicroelectronics AN2281 Datasheet HTML 19Page - STMicroelectronics AN2281 Datasheet HTML 20Page - STMicroelectronics AN2281 Datasheet HTML 21Page - STMicroelectronics AN2281 Datasheet HTML 22Page - STMicroelectronics AN2281 Datasheet HTML 23Page - STMicroelectronics AN2281 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
Getting started with the ST7FLITE35-based PMAC motor control system
AN2281
20/38
6
Getting started with the ST7FLITE35-based PMAC
motor control system
Follow this procedure to perform a system evaluation and be able to get started quickly
running your own motor.
6.1
Hardware connections
To start a 12V PMAC motor with the system presented in this application note, please
connect, with reference to Figure 9:
●
the three phases of the motor to connector JP3-1,2,3
●
the Hall sensor supply voltage, output and ground, respectively, to connector JP3-4,5,6
●
the 12V supply voltage to connector JP1 (the negative pole to JP1-1)
6.2
Development tools
This section presents the available material that is needed to start working with the
ST7FLITE35 and the PMAC software library discussed in this document.
6.2.1
Integrated development environments (IDE)
Different IDE interfaces are available for free: ST proprietary's STVD7 (free download
available on internet: www.st.com), or third party IDE (e.g. Softec Microsystems' STVD7 for
InDART-STX).
The software library presented in this document has been compiled using Cosmic C
compiler (ver. 4.5c) launched with Softec STVD7 version 3.10. Please note that the 16K
limited free version of Cosmic compiler is able to compile the software library.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com