Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2687 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2687
Description  STM8S20xxx LCD software driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2687 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2687 Datasheet HTML 2Page - STMicroelectronics AN2687 Datasheet HTML 3Page - STMicroelectronics AN2687 Datasheet HTML 4Page - STMicroelectronics AN2687 Datasheet HTML 5Page - STMicroelectronics AN2687 Datasheet HTML 6Page - STMicroelectronics AN2687 Datasheet HTML 7Page - STMicroelectronics AN2687 Datasheet HTML 8Page - STMicroelectronics AN2687 Datasheet HTML 9Page - STMicroelectronics AN2687 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
LCD principle
AN2687
6/22
Doc ID 14296 Rev 1
In this document, contrast is defined as D = VON(rms) / VOFF(rms).
The applied LCD voltage must also alternate to give a zero DC value to prevent the
electrolytic process and so, ensure a long LCD lifetime.
The higher the multiplexing rates, the lower the contrast. The signal period also has to be
short enough to avoid visible flickering on the display.
Figure 2.
Equivalent electrical schematic of an LCD segment
Note:
The DC value should never be more than 100 mV (refer to the LCD manufacturer’s
datasheet), otherwise the LCD lifetime may be shortened. The frequency range is 30 Hz to
200 Hz typically. If a lower frequency is used, the LCD flickers, if a larger frequency is used,
power consumption increases.
C
RS
S
COM
ai14758



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com