Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2687 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN2687
Description  STM8S20xxx LCD software driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2687 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN2687 Datasheet HTML 14Page - STMicroelectronics AN2687 Datasheet HTML 15Page - STMicroelectronics AN2687 Datasheet HTML 16Page - STMicroelectronics AN2687 Datasheet HTML 17Page - STMicroelectronics AN2687 Datasheet HTML 18Page - STMicroelectronics AN2687 Datasheet HTML 19Page - STMicroelectronics AN2687 Datasheet HTML 20Page - STMicroelectronics AN2687 Datasheet HTML 21Page - STMicroelectronics AN2687 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
Software contrast control with the first method
AN2687
18/22
Doc ID 14296 Rev 1
Since Vx = 0 (in case of a decrease in Vrms)
Vrms(on) =
=
Vrms(off) =
Vrms(off) =
Since Vx = 0 (in case of a decrease in Vrms)
Vrms(off) =
Contrast (Dx) =
, where Dx is the contrast calculated with the contrast
control method
Contrast D, between VON and VOFF is constant (quality of contrast). The optical contrast has
been changed only by tuning VON close to the threshold value of the LCD.
1
1x
+
------------
14V
DD
32
------------------
2



1
1x
+
------------ 0.661V
DD
1
TxT
+
-----------------
0
dt
0
dt
V
DD
2
-----------


2
dt
Vx

2
dt 8
0
xT
8
-------
+
2T
8
-------
T
+
T
8
---
2T
8
-------
+
0
T
8
---





1
TxT
+
-----------------
6V
DD
32
---------------
2
dt
Vx
2
x
+



1
1x
+
------------ 0.433V
DD
1
1x
+
------------ 0.661V
DD


1
1x
+
------------ 0.433V
DD


-----------------------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com