Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2687 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2687
Description  STM8S20xxx LCD software driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2687 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2687 Datasheet HTML 14Page - STMicroelectronics AN2687 Datasheet HTML 15Page - STMicroelectronics AN2687 Datasheet HTML 16Page - STMicroelectronics AN2687 Datasheet HTML 17Page - STMicroelectronics AN2687 Datasheet HTML 18Page - STMicroelectronics AN2687 Datasheet HTML 19Page - STMicroelectronics AN2687 Datasheet HTML 20Page - STMicroelectronics AN2687 Datasheet HTML 21Page - STMicroelectronics AN2687 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
LCD demo board
AN2687
20/22
Doc ID 14296 Rev 1
6.1
Board information
The LCD demo board should be supplied by a DC voltage of 3.3 V through connector W1.
There is no regulator present on the demo board to enable the user to modify VDD and see
the impact on the LCD contrast. The maximum absolute ratings for the power supply must
be respected (please refer to the product datasheet). It is also strongly recommended not to
apply a VDD voltage higher than 3.3 V for too long.
The LCD chosen for use on the demo board is driven at 3 V, which gives a better contrast for
low-voltage range MCUs like the STM8S20xxx.
The two pieces of software attached to this application note display “STM8 LCD” and the
contrast can be tuned with the ST software patented method through two push-buttons (S1
to increase the contrast and S2 to decrease it) with the first method (LCD driver directory in
the attached zip file).
Vrms is increased by applying first VSS, then VDD (during the dead times) to the segment,
while first VDD, then VSS is applied to the COM lines.
Vrms is decreased by applying VSS to the segment during the same dead times. The
voltage average is then kept. Refer to the software attached to this application note for more
details.
The demo board uses the STM8S20xxx microcontroller and can be reprogrammed and
debugged using the SWIM communication protocol through the SWIM interface. The board
is provided with the SWIM connector.
The device can be reset by pressing switch S3 on the demo board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com