Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2687 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2687
Description  STM8S20xxx LCD software driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2687 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2687 Datasheet HTML 10Page - STMicroelectronics AN2687 Datasheet HTML 11Page - STMicroelectronics AN2687 Datasheet HTML 12Page - STMicroelectronics AN2687 Datasheet HTML 13Page - STMicroelectronics AN2687 Datasheet HTML 14Page - STMicroelectronics AN2687 Datasheet HTML 15Page - STMicroelectronics AN2687 Datasheet HTML 16Page - STMicroelectronics AN2687 Datasheet HTML 17Page - STMicroelectronics AN2687 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Consumption considerations
AN2687
14/22
Doc ID 14296 Rev 1
4
Consumption considerations
The number of code lines the MCU has to execute to drive the LCD is the same whatever
the CPU frequency. It is then easy to understand that the faster the CPU clock, the faster
these code lines are executed, the less they represent in terms of CPU load, and the less
the MCU consumes.
In order to reduce consumption with both methods, the PCKEN (peripheral clock gating)
register of the Clock Controller is used in order to clock only the used peripherals. VDD can
also be decreased, especially in the first method (as the contrast can be compensated for by
software) to further reduce the consumption.
The consumption values obtained with the first method (at 3.3 V) are given in Table 2.
Note:
These typical values are given for guidance only. The LCD driver consumption is obtained
by subtracting the consumption of the MCU executing the LCD driver function and the
consumption of the MCU executing an empty loop (with all I/Os configured as output low
level).
The consumption values obtained with the second method (at 3.3 V) are given in Table 3.
Note:
These typical values are given for guidance only. The LCD driver consumption is obtained
by subtracting the consumption of the MCU executing the LCD driver function and the
consumption of the MCU executing an empty loop (with the MCU in AWU mode with all its
I/Os configured as output low level).
Table 2.
First method - consumption (Timer 2)
Clock master
Consumption of the MCU
executing LCD driver (mA)
Consumption of the
LCD driver (mA)
Consumption of the MCU
executing an empty loop
HSI
2.38
0.3
2.08
HSI/2
1.73
0.38
1.35
HSI/4
1.45
0.49
0.96
HSI/8
1.3
0.7
0.6
LSI
1.17
0.94
0.23
Table 3.
Second method - consumption (AWU)
Clock master
Consumption of the MCU
executing LCD driver (mA)
Consumption of the
LCD driver (mA)
Consumption of the MCU
executing an empty loop
HSI
1.08
0.36
0.72
HSI/2
1.12
0.4
0.72
HSI/4
1.26
0.51
0.75
HSI/8
1.34
0.58
0.76
LSI
1.02
0.33
0.69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com