Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2716 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2716
Description  STCC08 application guidelines
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2716 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2716 Datasheet HTML 2Page - STMicroelectronics AN2716 Datasheet HTML 3Page - STMicroelectronics AN2716 Datasheet HTML 4Page - STMicroelectronics AN2716 Datasheet HTML 5Page - STMicroelectronics AN2716 Datasheet HTML 6Page - STMicroelectronics AN2716 Datasheet HTML 7Page - STMicroelectronics AN2716 Datasheet HTML 8Page - STMicroelectronics AN2716 Datasheet HTML 9Page - STMicroelectronics AN2716 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
STCC08 description
AN2716
6/28
Doc ID 14460 Rev 2
1.3
AC switch control
The STCC08 controls up to 10 mA IGTTRIAC, ACST and ACS through the “gate driver”
block designed to:
●
Drive the AC switch according to the IN control input state (CMOS compatible)
–
For IN = 1 = VCC
the AC switch is turned on
–
For IN = 0 = GND
the AC switch is turned off
●
Regulate the gate current of the AC switch thanks to the internal current controller
The gate current value (Pin G - to turn on the AC switch) is defined by the external resistor
RIG value (resistor connected between the STCC08 RIG input and ground). Figure 4 gives
the maximum value of this resistor (RIG_max) according to the minimum ambient
temperature (Tamb_min) of the appliance for two AC switch IGT values. Note that as the AC
switch junction temperature increases when the AC switch is on (Tj > Tamb), the IG gate
current required to turn on the AC switch decreases (IG < IGT). So only the minimum
ambient temperature has to be considered.
Figure 4.
Resistor RIG value according to the minimum ambient temperature and
AC switch IGT
For example, with a 10 mA IGT AC switch and a -20 °C minimum ambient temperature, a
maximum 30
Ω RIG resistor can be used to turn on the AC switch throughout the whole
appliance temperature range.
1.4
AC switch failure mode detection
1.4.1
STCC08 AVF output configuration
The STCC08 AVF driver block is used to send the AC switch state to the MCU (see
Section 1.4.2). The STCC08 AVF output is an open collector and can be loaded with an
external resistor (RAVF) or connected directly to the MCU, in pull-up input configuration (see
Figure 5).
0
10
20
30
40
50
60
70
80
90
100
110
120
130
-20
-15
-10
-5
0
5
1015202530
Tamb_min (°C)
IGT 10mA @ 25 °C
IGT 5mA @ 25 °C
RIG_max ()
Ω
IGT AC Switch:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com