Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2716 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2716
Description  STCC08 application guidelines
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2716 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2716 Datasheet HTML 8Page - STMicroelectronics AN2716 Datasheet HTML 9Page - STMicroelectronics AN2716 Datasheet HTML 10Page - STMicroelectronics AN2716 Datasheet HTML 11Page - STMicroelectronics AN2716 Datasheet HTML 12Page - STMicroelectronics AN2716 Datasheet HTML 13Page - STMicroelectronics AN2716 Datasheet HTML 14Page - STMicroelectronics AN2716 Datasheet HTML 15Page - STMicroelectronics AN2716 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
STCC08 description
AN2716
12/28
Doc ID 14460 Rev 2
The t1 and t2 values are defined in Appendix A. For example, with RAC = RShunt = 300 kΩ,
F = 50 Hz, VAC_Line = 230 V, a minimum rms current and a phase shift of the AC load
respectively equal to 0.1 A and 90°, t1 and t2 are respectively 1.7 ms and 8.3ms.
When the AC switch is failed in diode mode, the AC switch is on during only half of the AC
line cycle for resistive load (the load current is in phase with the AC line voltage). In this
case, the AVF signal falls to GND at each cycle of the AC line when the AC switch is on.
However, with an inductive load, the load current (ILoad) falls to zero after the zero crossing
of the AC line voltage (See Figure 10). This has an impact on the AC switch state detection.
If the AC switch has failed in diode mode and the STCC08 AVF signal is read just after each
zero crossing of the AC line voltage, the AC switch failed in diode mode will not be
discriminated from the AC switch short circuit failure.
Figure 10.
Load current and STCC08 AVF variation when the AC switch is failed in
diode mode
The STCC08 AVF signal should be read after the AC line peak voltage (tAVF_READ) (See
Equation 6) and before the time t2 to detect all AC switch states for most home
appliance loads.
Equation 6
Note:
Note, if the STCC08 AVF signal is read between times t1 and t2 (see Figure 9), all the AC
switch failures will be detected but the AC switch failed in diode mode will be confused with
the AC switch failed in short-circuit.
To detect the AC switch state when the STCC08 is controlled by a pulsed gate current, the
MCU should store the IN signal state in a RAM register. This RAM register could be
initialized at each zero crossing of the AC line voltage.
AVF
VLine
ILoad
IN
t (s)
t (s)
t (s)
READ
AVF
t
_
2
t
Detection
t
Δ
FMin
t
AVF_READ
·
4
1
>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com