Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2716 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN2716
Description  STCC08 application guidelines
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2716 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN2716 Datasheet HTML 13Page - STMicroelectronics AN2716 Datasheet HTML 14Page - STMicroelectronics AN2716 Datasheet HTML 15Page - STMicroelectronics AN2716 Datasheet HTML 16Page - STMicroelectronics AN2716 Datasheet HTML 17Page - STMicroelectronics AN2716 Datasheet HTML 18Page - STMicroelectronics AN2716 Datasheet HTML 19Page - STMicroelectronics AN2716 Datasheet HTML 20Page - STMicroelectronics AN2716 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
AN2716
ZVS detection application
Doc ID 14460 Rev 2
17/28
4
ZVS detection application
The STCC08 “Power switch signal shaping” block can be used to detect the zero crossing of
the AC line voltage. The resistor RAC must be connected between AC input and the AC line
as shown in Figure 15. The AVF signal toggles between VCC and zero level at each zero
crossing of the AC line voltage.
Figure 15.
ZVS detection
Equation 10 defines the maximal AVF signal low level width (
ΔtAVF) at each zero crossing of
the AC line voltage according to the value of resistor RAC.
Equation 10
AVF
V
CC
GND
R
IG
AC
IN
G
Power switch
signal shaping
AVF driver
Gate driver
+
-
MCU
3.3 V to 5 V
VCC
VCC
Load
Line
Neutral
ACS
STCC08
STCC08
RAC
AVF
VAC
t (s)
t (s)
AVF
t
Δ
AVF
t
VAC
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
X
=
Δ
min
rms
max
AC
max
ACT
min
max
AVF
V
R
I
Ar
F
t
_
_
_
_
·
2
·
sin
·
·
1
π



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com