Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2716 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2716
Description  STCC08 application guidelines
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2716 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2716 Datasheet HTML 4Page - STMicroelectronics AN2716 Datasheet HTML 5Page - STMicroelectronics AN2716 Datasheet HTML 6Page - STMicroelectronics AN2716 Datasheet HTML 7Page - STMicroelectronics AN2716 Datasheet HTML 8Page - STMicroelectronics AN2716 Datasheet HTML 9Page - STMicroelectronics AN2716 Datasheet HTML 10Page - STMicroelectronics AN2716 Datasheet HTML 11Page - STMicroelectronics AN2716 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
STCC08 description
AN2716
8/28
Doc ID 14460 Rev 2
1.4.2
AC switch state detection principle
The AC switch state detection is achieved thanks to the STCC08 “power switch signal
shaping” block. This block measures the current (IAC) through the STCC08 AC input, which
is the image of the AC switch voltage (VT) during both AC line cycle (VLine). As illustrated in
Figure 7, three cases can be considered.
●
Case 1: If the AC switch is off (VT = VLine), a low IAC current, in phase shift with the AC
line (see Section 1.5.1), flows through resistor RAC for the both AC line polarities. In this
case, the STCC08 AVF output signal (VAVF) remains at high level state (+VCC).
●
Case 2: If the AC switch is on (VT ≈ 0), no IAC current flows through the resistor RAC. In
this case, the AVF output signal (VAVF) remains at low level state (GND).
●
Case 3: If the AC switch is off and the AC line voltage falls to zero voltage, no IAC
current flows through the resistor RAC. In this case, the AVF output signal (VAVF) goes
to zero level (GND).
Knowing the STCC08 IN input state, the MCU is then able to determine the AC switch state
by analyzing the AVF signal (see Section 1.4.3).
Figure 7.
AC switch failure detection principle
The IAC current follows the waveform of the voltage across the AC switch. The AVF signal
toggles between VCC and zero level (GND) at a certain IAC current value noted as IACT (see
Figure 7). The IACT electrical parameter dispersion is shown in Table 2.
The IAC peak current value (IAC-peak) must be lower than 2.2 mA (maximum IAC current
allowed through STCC08 AC input). Equation 2 defines the minimum resistor RAC value
(RAC_Min) to limit this IAC current in the worst case (if the AC load fails in short circuit). For
example, with VLine_rms_max = 230 V + 10%, the RAC resistor value must be higher than
163 k
Ω.
Table 2.
IACT electrical parameter dispersion
Maximum (IACT_max)
Minimum (IACT_min)
IACT
236 µA
82 µA
VAVF
IAC
IACT
-IACT
AC switch off
AC switch on
3
1
2
1
VT
t (s)
t (s)
t (s)
ILoad
1
1
3
3
VCC
AC
G
Power switch
signal shaping
VCC
AVF
Load
Line
Neutral
ACS
STCC08
STCC08
IAC
ILOAD
VT
VAVF
RAVF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com