Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2716 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2716
Description  STCC08 application guidelines
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2716 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2716 Datasheet HTML 10Page - STMicroelectronics AN2716 Datasheet HTML 11Page - STMicroelectronics AN2716 Datasheet HTML 12Page - STMicroelectronics AN2716 Datasheet HTML 13Page - STMicroelectronics AN2716 Datasheet HTML 14Page - STMicroelectronics AN2716 Datasheet HTML 15Page - STMicroelectronics AN2716 Datasheet HTML 16Page - STMicroelectronics AN2716 Datasheet HTML 17Page - STMicroelectronics AN2716 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
STCC08 consumption
AN2716
14/28
Doc ID 14460 Rev 2
2
STCC08 consumption
Equation 8, Figure 12, and Table 4 define the maximum STCC08 current consumption
(IDC_max). The current IAC is used only to detect the AC switch states. This current comes
from the AC line and not from the STCC08 DC power supply. The current IG is the gate
current to turn on the AC switch, defined according to the external resistor RIG value (see
Figure 13). The current IQuiescent defines the STCC08 quiescent current. The maximum
IQuiescent current is specified at 2 mA. The maximum IN input current (IIN_Max) is specified at
100 µA. The AVF current, used to polarize the STCC08 AVF output is defined by the resistor
RAVF or by the MCU pull up resistor (see Equation 9).
Equation 8
Figure 12.
STCC08 current consumption
Equation 9
Table 4.
STCC08 consumption values
Parameter
Definition
Maximum value
IG_max
AC switch gate current
Depends on the RIG resistor. See
Figure 13
IQuiescent
STCC08 current consumption
2 mA
IAVF
AVF pin collector current
Depends on the RAVF resistor
(IAVF_max = 5 mA). See Equation 9
IIN
IN input current (to control the AC switch) 100 µA
max
IN
max
Quiesient
max
AVF
G_max
max
DC
I
I
I
I
I
_
_
_
_
+
+
+
=
IAC
AC
Load
RShunt
Neutral
Line
IG
VCC
G
MCU
AVF
IN
STCC08
IIN
IAVF
IQuiescent
RAC
RAVF
VDC
GND
IDC
max
AVF
I
_
=
min
AVF
R
_
max
CC
V
_
Pull-up_min
R
max
CC
V
_
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com