Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2777 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2777
Description  A new high-temperature TRIAC family
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2777 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2777 Datasheet HTML 2Page - STMicroelectronics AN2777 Datasheet HTML 3Page - STMicroelectronics AN2777 Datasheet HTML 4Page - STMicroelectronics AN2777 Datasheet HTML 5Page - STMicroelectronics AN2777 Datasheet HTML 6Page - STMicroelectronics AN2777 Datasheet HTML 7Page - STMicroelectronics AN2777 Datasheet HTML 8Page - STMicroelectronics AN2777 Datasheet HTML 9Page - STMicroelectronics AN2777 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Improvement of turn-off capability for new high-temperature TRIACs
AN2777
6/13
Doc ID 14748 Rev 1
2
Improvement of turn-off capability for new high-
temperature TRIACs
As shown previously (for example in Figure 5), (dI/dt)c drastically decreases with the die
temperature. For example, the BTB12-600CW capability would be 35% lower at 150 °C
compared to 125 °C. This 35% decrease is quite usual for all TRIACs. As dI/dtOFF only
depends on the rms load current (as given in the equation below), the TRIAC at 150 °C
would be able to drive loads with 35% lower power.
Equation 1
Of course, such a load power derating cannot be accepted. Compensating for this derating
would lead appliance designers to use a higher current TRIAC, if they wanted to increase
the working temperature. STMicroelectronics has improved the design of the device to
improve the TRIAC turn-off capability.
The following simulation indicates the results that can be obtained with the design
improvements. Figure 6 gives the simulation result of two different devices. One is able to
turn-off, the other one not.
Figure 6.
Simulation results for two different TRIACs
This breakthrough design has strongly improved device performance for high temperature
applications.
The new high-temperature TRIAC family features very high commutation capabilities. For
example, Figure 7 compares the BTB12-600CW with a new high-temperature T1235H-6
device. This figure shows that the turn-off capability is approximately four times higher with
the new device over the whole temperature range.
3
)
Hz
(
)
A
(
RMS
)
ms
/
A
(
OFF
10
F
2
2
I
dt
/
dI
·
·
·
·
-
π
=
1
2
3
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
9.970E-04
9.990E-04
1.001E-03
1.003E-03
1.005E-03
1.007E-03
IT (A)
time (s)
Improved structure
Reference structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com