Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2777 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2777
Description  A new high-temperature TRIAC family
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2777 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2777 Datasheet HTML 5Page - STMicroelectronics AN2777 Datasheet HTML 6Page - STMicroelectronics AN2777 Datasheet HTML 7Page - STMicroelectronics AN2777 Datasheet HTML 8Page - STMicroelectronics AN2777 Datasheet HTML 9Page - STMicroelectronics AN2777 Datasheet HTML 10Page - STMicroelectronics AN2777 Datasheet HTML 11Page - STMicroelectronics AN2777 Datasheet HTML 12Page - STMicroelectronics AN2777 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Vacuum cleaner requirements
AN2777
10/13
Doc ID 14748 Rev 1
Figure 10.
Turn-off constraint (2000 W - 230 V motor)
As the motor speed in vacuum cleaners is set by changing the TRIAC turn-on delay (tON),
the back emf varies also with this delay. The worst dI/dtOFF can then occur for a different
setting than the maximum speed. Table 1 gives some measurements performed on the
same 2000 W, 230 V motor. It shows that even if the load rms current increases when the
turn-on delay decreases, dI/dtOFF increases. The worst case occurs then for the minimum
speed, with a 7.3 A/ms rate. Such a rate is less than half the level that the T1235H can
withstand at a 150 °C junction temperature (16 A/ms).
Figure 11.
Turn-on delay definition
Table 1.
Measurements with 2000 W, 230 V motor
tON (ms)
6
5
0.75
IRMS (A)
46.7
10
dI/dtOFF
7.3
5.9
4.5
dI/dt
OFF
V
T
I
T
1
2
dI/dt
OFF
V
T
I
T
1
2
V
T
V
L
I
T
t
ON
V
T
V
L
I
T
t
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com