Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2777 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2777
Description  A new high-temperature TRIAC family
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2777 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2777 Datasheet HTML 1Page - STMicroelectronics AN2777 Datasheet HTML 2Page - STMicroelectronics AN2777 Datasheet HTML 3Page - STMicroelectronics AN2777 Datasheet HTML 4Page - STMicroelectronics AN2777 Datasheet HTML 5Page - STMicroelectronics AN2777 Datasheet HTML 6Page - STMicroelectronics AN2777 Datasheet HTML 7Page - STMicroelectronics AN2777 Datasheet HTML 8Page - STMicroelectronics AN2777 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
April 2009
Doc ID 14748 Rev 1
1/13
AN2777
Application note
New high-temperature, high-performance TRIACs for
optimized vacuum cleaner designs
Introduction
A new high-temperature TRIAC family, able to work up to a 150 °C junction temperature in
steady-state, has been introduced. This family helps to reduce the bulk of the required
heatsink. These TRIACs are particularly suitable for hot or limited environments found in
home appliances, such as vacuum cleaners.
One key parameter in the design of TRIACs operating at high temperature is the turn-off
capability. We explain here briefly how to optimize this parameter and present the
performances of a new 12 A, 600 V device.
Test results are also presented to compare these performances to other high-temperature
TRIACs available on the market today. These tests are performed in extremely severe
temperature conditions as can appear in vacuum cleaners.
www.st.com


Similar Part No. - AN2777

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2776 STMICROELECTRONICS-AN2776 Datasheet
168Kb / 20P
The purpose of this application note is to explain
29-May-2008
More results

Similar Description - AN2777

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KMOC308X COSMO-KMOC308X Datasheet
306Kb / 4P
COSMO New Product Photo Triac KMOC308X Series 800V
logo
List of Unclassifed Man...
CHTA12 ETC1-CHTA12 Datasheet
207Kb / 2P
High Temperature 150째C Series TRIAC
CHTA16 ETC1-CHTA16 Datasheet
922Kb / 2P
High Temperature 150째C Series TRIAC
logo
STMicroelectronics
RM0017 STMICROELECTRONICS-RM0017 Datasheet
6Mb / 904P
The SPC560Bx and SPC560Cx is a new family
17-Sep-2013
AN1335 STMICROELECTRONICS-AN1335 Datasheet
214Kb / 10P
ST10F280 is a new member of ST10 family
Sep-2013
AN1453 STMICROELECTRONICS-AN1453 Datasheet
132Kb / 9P
NEW FAMILY OF 150V POWER SCHOTTKY
Jul-2001
AN668 STMICROELECTRONICS-AN668 Datasheet
604Kb / 19P
A New High Power IC Surface Mount Package Family
Jul-2001
TN0885 STMICROELECTRONICS-TN0885 Datasheet
423Kb / 6P
STMicroelectronics has introduced a new package family
23-Mar-2012
logo
Fairchild Semiconductor
AN-7510 FAIRCHILD-AN-7510 Datasheet
222Kb / 13P
A New PSPICE Subcircuit
logo
ATMEL Corporation
STK520 ATMEL-STK520 Datasheet
773Kb / 24P
STK520 is a New Member of the Successful STK500 Starter Kit Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com