Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2777 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2777
Description  A new high-temperature TRIAC family
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2777 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2777 Datasheet HTML 4Page - STMicroelectronics AN2777 Datasheet HTML 5Page - STMicroelectronics AN2777 Datasheet HTML 6Page - STMicroelectronics AN2777 Datasheet HTML 7Page - STMicroelectronics AN2777 Datasheet HTML 8Page - STMicroelectronics AN2777 Datasheet HTML 9Page - STMicroelectronics AN2777 Datasheet HTML 10Page - STMicroelectronics AN2777 Datasheet HTML 11Page - STMicroelectronics AN2777 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Vacuum cleaner requirements
AN2777
8/13
Doc ID 14748 Rev 1
3
Vacuum cleaner requirements
3.1
Steady state thermal design
As for all power semiconductor applications, one main point to check is the thermal design.
It has to be checked to ensure the working junction temperature is below the maximum
allowed temperature (Tj max).
For this purpose, the heatsink thermal resistance (RthHS) has to be chosen according to
dissipated power (P) and maximum ambient temperature (Ta max) (see Equation 2 and
References 3.)
Equation 2
In vacuum cleaners an efficient way to decrease the heatsink size is to put it in the air flow.
However, it is quite difficult to evaluate the required heat-sink size. A good way to check the
thermal design is then to measure the case temperature and check if this value is lower than
the specified value (see Figure 8, from T1235H-6 datasheet). This figure shows that for a
10 A rms current, the case temperature can reach 116 °C.
Experimental tests have been performed on a 2000 W vacuum cleaner. The maximum
dissipated power occurs for the maximum speed (delay between line zero voltage and
TRIAC turn-on is 0.75 ms, refer to Table 1 and Figure 12). The rms load current equals 10 A.
With a 20 cm² white aluminum plate (2 mm width), the case temperature reaches only
100 °C. This means that there is almost a 16 °C safety margin.
Figure 8.
Maximum allowed current versus case temperature for T1235H-6
RthHS ≤
Tjmax -Tamax
P
0
2
4
6
8
10
12
14
0
25
50
75
100
125
150
IT(RMS) (A)
T
C (°C)
TO-220AB/D²PAK
-
TO 220AB
Insulated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com